| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MUN2136 bảng dữ liệu(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
MUN2136 bảng dữ liệu(HTML) 3 Page - ON Semiconductor |
|
3 / 9 page ![]() MUN2136, MUN5136, DTA115EE, DTA115EM3 http://onsemi.com 3 Table 2. THERMAL CHARACTERISTICS Characteristic Symbol Max Unit THERMAL CHARACTERISTICS (SC−59) (MUN2136) Total Device Dissipation TA = 25°C (Note 1) (Note 2) Derate above 25°C (Note 1) (Note 2) PD 230 338 1.8 2.7 mW mW/°C Thermal Resistance, (Note 1) Junction to Ambient (Note 2) RqJA 540 370 °C/W Thermal Resistance, (Note 1) Junction to Lead (Note 2) RqJL 264 287 °C/W Junction and Storage Temperature Range TJ, Tstg −55 to +150 °C THERMAL CHARACTERISTICS (SC−70/SOT−323) (MUN5136) Total Device Dissipation TA = 25°C (Note 1) (Note 2) Derate above 25°C (Note 1) (Note 2) PD 202 310 1.6 2.5 mW mW/°C Thermal Resistance, (Note 1) Junction to Ambient (Note 2) RqJA 618 403 °C/W Thermal Resistance, (Note 1) Junction to Lead (Note 2) RqJL 280 332 °C/W Junction and Storage Temperature Range TJ, Tstg −55 to +150 °C THERMAL CHARACTERISTICS (SC−75) (DTA115EE) Total Device Dissipation TA = 25°C (Note 1) (Note 2) Derate above 25°C (Note 1) (Note 2) PD 200 300 1.6 2.4 mW mW/°C Thermal Resistance, (Note 1) Junction to Ambient (Note 2) RqJA 600 400 °C/W Junction and Storage Temperature Range TJ, Tstg −55 to +150 °C THERMAL CHARACTERISTICS (SOT−723) (DTA115EM3) Total Device Dissipation TA = 25°C (Note 1) (Note 2) Derate above 25°C (Note 1) (Note 2) PD 260 600 2.0 4.8 mW mW/°C Thermal Resistance, (Note 1) Junction to Ambient (Note 2) RqJA 480 205 °C/W Junction and Storage Temperature Range TJ, Tstg −55 to +150 °C 1. FR−4 @ Minimum Pad. 2. FR−4 @ 1.0 x 1.0 Inch Pad. |