công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9538D bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện PCA9538D
Giải thích chi tiết về linh kiện  I2C Demonstration Board 2005-1 Quick Start Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9538D bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button PCA9538D Datasheet HTML 3Page - NXP Semiconductors PCA9538D Datasheet HTML 4Page - NXP Semiconductors PCA9538D Datasheet HTML 5Page - NXP Semiconductors PCA9538D Datasheet HTML 6Page - NXP Semiconductors PCA9538D Datasheet HTML 7Page - NXP Semiconductors PCA9538D Datasheet HTML 8Page - NXP Semiconductors PCA9538D Datasheet HTML 9Page - NXP Semiconductors PCA9538D Datasheet HTML 10Page - NXP Semiconductors PCA9538D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UM10206
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
User manual
Rev. 01 — 13 June 2006
7 of 12
Philips Semiconductors
UM10206
I2C Demonstration Board 2005-1 Quick Start Guide
6.
I2C Demonstration Board device description
The I2C-bus devices on the I2C Demonstration Board 2005-1 are described in Table 1
Table 1.
I2C-bus devices on the Training Board
Device
Description
I2C Address
PCF8574TS
8-bit I2C and SMBus I/O port with interrupt
0x40
PCA9536D
4-bit I2C and SMBus I/O port
0x82
PCA9540BD
2-channel I2C-bus multiplexor
0xE0
PCF85116-3TD
2048 x 8-bit CMOS EEPROM with I2C-bus interface
0xA0 to 0xAE
PCF8563TD
real time clock / calendar
0xA2
PCA9538D
8-bit I2C and SMBus low power I/O port with interrupt and
reset
0xE4
PCA9551D
8-bit I2C-bus LED driver with programmable blink rates
0xC0
SA56004ED
SMBus compatible, local and remote digital temperature
sensor with over temperature alarm, accuracy:
± 10C
0x98
PCA9543AD
2 channel I2C-bus switch with interrupt logic and reset
0xE2
2 x PCA9531D
8-bit I2C-bus LED dimmer
0xC8 (both)
PCA9541D/01
2-to-1 I2C-bus master selector with interrupt logic and
reset
0xFE
SE98PW
local only, temperature sensor for SO-DIMM
0x30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12