| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8563TD bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563TD bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 12 page ![]() UM10206 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. User manual Rev. 01 — 13 June 2006 5 of 12 Philips Semiconductors UM10206 I2C Demonstration Board 2005-1 Quick Start Guide 4. Hardware description Figure 2 shows the following items on the hardware: • USB Port: port where the USB cable is plugged into the board. • USB_LINK LED: this green LED will illuminate when the cable is connected between the PC and the hardware. • remote sensor diode: where the remote sensor diode is plugged into the board to allow the SA56004E temperature sensor to monitor the ambient temperature. • microcontroller: a socketed microcontroller is provided to ensure easy service in the event of damage to the device. • extension connector: this connector is used to connect future daughter cards targeting specific Philips Semiconductors I2C-bus devices. Remark: Philips recommends connecting only daughter cards developed and provided by Philips Semiconductors to the extension connector. Philips Semiconductors is not responsible for damage caused by other target cards. Fig 2. I2C Demonstration Board 2005-1 Microcontroller Remote Sensor Diode USB Port USB Link Indicator Expansion Connector |