công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9536D bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện PCA9536D
Giải thích chi tiết về linh kiện  I2C Demonstration Board 2005-1 Quick Start Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9536D bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  PCA9536D Datasheet HTML 1Page - NXP Semiconductors PCA9536D Datasheet HTML 2Page - NXP Semiconductors PCA9536D Datasheet HTML 3Page - NXP Semiconductors PCA9536D Datasheet HTML 4Page - NXP Semiconductors PCA9536D Datasheet HTML 5Page - NXP Semiconductors PCA9536D Datasheet HTML 6Page - NXP Semiconductors PCA9536D Datasheet HTML 7Page - NXP Semiconductors PCA9536D Datasheet HTML 8Page - NXP Semiconductors PCA9536D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UM10206
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
User manual
Rev. 01 — 13 June 2006
3 of 12
Philips Semiconductors
UM10206
I2C Demonstration Board 2005-1 Quick Start Guide
1.
Introduction
The I2C Demonstration Board 2005-1 is a USB based solution that allows engineers and
sales engineers to experiment with general-purpose I2C-bus devices from Philips.
The hardware connects to a standard USB port found on most IBM-compatible PCs and
provides bidirectional communication with I2C-bus devices using the I2C-bus protocol.
The hardware is powered directly from the PC's USB port.
An on-board LED illuminates after the USB host has successfully enumerated it.
The Win-I2CUSB Lite software from The Boardshop runs on Windows 98SE, ME, 2000,
and XP and is compatible with any PC hardware having a minimum of a Pentium
processor and an USB port. The software allows the user to select one of the
I2C-bus devices on the board from a menu and also provides a Universal mode to allow
users to create their own I2C-bus commands with the same I2C-bus devices. The
Win-I2CUSB Lite software is designed to operate only with the specific devices and
device addresses on the I2C Demonstration Board 2005-1.
2.
Getting started
2.1 Assumptions
It is helpful to have basic experience with the I2C-bus protocol before using the
demonstration board but it is not absolutely necessary. There are several exercises
targeted at beginners as well as more advanced users. For beginners, the I2C-bus
specification is a good source of detailed information about the I2C-bus. You can
download the complete specification from the Philips Semiconductors website.
2.2 Static Handling Requirements
2.3 Minimum System Requirements
• PC Pentium 60 processor (or equivalent), 8MB RAM, 10MB of hard drive space
• one USB port (either 2.0 or 1.1 compatible)
• Windows 98SE, ME, 2000, or XP
2.4 Adapter Power Requirements
The Philips I2C Demonstration Board 2005-1 hardware obtains its power from the PC
USB port.
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling. You must use a ground strap or touch the PC case or other
grounded source before unpacking or handling the hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12