| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ACT72211L bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT72211L bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 21 page ![]() SN74ACT72211L, SN74ACT72221L, SN74ACT72231L, SN74ACT72241L 512 × 9, 1024 × 9, 2048 × 9, AND 4096 × 9 SYNCHRONOUS FIRST IN, FIRST OUT MEMORIES SCAS222 − FEBRUARY 1993 − REVISED JUNE 1993 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 tw(CLKH) tw(CLKL) REN1, REN2 WCLK WEN2 (if applicable) WEN1 PAF tsu(EN) RCLK tpd(W-AF) See Note D th(EN) [Full − (m + 1)] Words in FIFO (see Note A) (Full − m) Words in FIFO (see Note B) tpd(W-AF) tsk2 tsu(EN) th(EN) NOTES: A. PAF offset = m B. (512 − m) words for SN74ACT72211L, (1024 − m) words for SN74ACT72221L, (2048 − m) words for SN74ACT72231L, (4096 − m) words for SN74ACT72241L C. tsk2 is the minimum time between a rising RCLK edge and the subsequent rising WCLK edge for PAF to change its logic level during that clock cycle. If the time between the rising edge of RCLK and the subsequent rising edge of WCLK is less than tsk2, then PAF may not change its logic level until the next WCLK rising edge. D. If a write is performed on this rising edge of the write clock, there will be [Full − (m − 1)] words in the FIFO when PAF goes low. Figure 8. Programmable Almost-Full Flag Timing |