| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CAT24C01 bảng dữ liệu(PDF) 16 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT24C01 bảng dữ liệu(HTML) 16 Page - ON Semiconductor |
|
16 / 20 page ![]() CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16 http://onsemi.com 16 PACKAGE DIMENSIONS WLCSP4, 0.86x0.84 CASE 567DC ISSUE B SEATING PLANE 0.10 C NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DATUM C, THE SEATING PLANE, IS DEFINED BY THE SPHERICAL CROWNS OF THE CONTACT BALLS. 4. COPLANARITY APPLIES TO SPHERICAL CROWNS OF THE CONTACT BALLS. 5. DIMENSION b IS MEASURED AT THE MAXIMUM CONTACT BALL DIAMETER PARALLEL TO DATUM C. 2X DIM A MIN MAX 0.28 MILLIMETERS A1 D 0.86 BSC E b 0.16 0.20 e 0.40 BSC 0.38 D E A B PIN A1 REFERENCE e 0.05 C 4X b 12 B A 0.10 C A1 A2 C 0.08 0.12 0.84 BSC 0.10 C 2X TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 4 e A2 0.23 REF PITCH 0.18 4X DIMENSIONS: MILLIMETERS *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. SOLDERING FOOTPRINT* 0.40 0.40 RECOMMENDED A1 PACKAGE OUTLINE PITCH NOTE 3 A NOTE 5 A M 0.10 B C |