công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65LVDS84AQ-Q1 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN65LVDS84AQ-Q1
Giải thích chi tiết về linh kiện  FlatLink??TRANSMITTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS84AQ-Q1 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN65LVDS84AQ-Q1 Datasheet HTML 1Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 2Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 3Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 4Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 5Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 6Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 7Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 8Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Recommended Operating Conditions
Timing Requirements
Electrical Characteristics
SN65LVDS84AQ-Q1
SLLS766A – AUGUST 2006 – REVISED APRIL 2008........................................................................................................................................................ www.ti.com
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
ZL
Differential load impedance
90
132
TA
Operating free-air temperature
–40
125
°C
MIN
NOM
MAX
UNIT
tc
Input clock period
13.3
tc
32.4
ns
tw
Pulse duration, high-level input clock
0.4 tc
0.6 tc
ns
tt
Transition time, input signal
5
ns
tsu
Setup time, data, D0–D20 valid before CLKIN
↓ (see Figure 2)
3
ns
th
Hold time, data, D0–D20 valid after CLKIN
↓ (see Figure 2)
1.5
ns
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT
Input threshold voltage
1.4
V
Differential steady-state output voltage
|VOD|
RL = 100 Ω, See Figure 3
247
454
mV
magnitude
Change in the steady-state differential output
Δ|VOD|
voltage magnitude between opposite binary
50
mV
states
VOC(SS)
Steady-state common-mode output voltage
RL = 100 Ω, See Figure 3
1.125
1.375
V
VOC(PP)
Peak-to-peak common-mode output voltage
80
150
mV
IIH
High-level input current
VIH = VCC
25
µA
IIL
Low-level input current
VIL = 0
±10
µA
VO(Yn) = 0
–6
±24
IOS
Short-circuit output current
mA
VOD = 0
–6
±12
IOZ
High-impedance output current
VO = 0 to VCC
±10
µA
Disabled, All inputs at GND
15
170
µA
Enabled,
f = 65 MHz
27
35
RL = 100 Ω (4 places),
Gray-scale pattern
f = 75 MHz
30
38
ICC(AVG) Quiescent supply current (average)
(see Figure 4)
mA
Enabled,
f = 65 MHz
28
36
RL = 100 Ω (4 places),
Worst-case pattern
f = 75 MHz
31
39
(see Figure 5)
CI
Input capacitance
2
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): SN65LVDS84AQ-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com