công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SQJ463EP bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SQJ463EP
Giải thích chi tiết về linh kiện  Automotive P-Channel 40 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ463EP bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SQJ463EP Datasheet HTML 1Page - Vishay Siliconix SQJ463EP Datasheet HTML 2Page - Vishay Siliconix SQJ463EP Datasheet HTML 3Page - Vishay Siliconix SQJ463EP Datasheet HTML 4Page - Vishay Siliconix SQJ463EP Datasheet HTML 5Page - Vishay Siliconix SQJ463EP Datasheet HTML 6Page - Vishay Siliconix SQJ463EP Datasheet HTML 7Page - Vishay Siliconix SQJ463EP Datasheet HTML 8Page - Vishay Siliconix SQJ463EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SQJ463EP
www.vishay.com
Vishay Siliconix
S11-2288-Rev. D, 28-Nov-11
2
Document Number: 65540
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = - 250 μA
- 40
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
- 2.0
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 40 V
-
-
- 1
μA
VGS = 0 V
VDS = - 40 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 40 V, TJ = 175 °C
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS
≤ - 5 V
- 30
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 18 A
-
0.008
0.010
Ω
VGS = - 4.5 V
ID = - 15 A
-
0.012
0.015
VGS = - 10 V
ID = - 18 A; TJ = 125 °C
-
0.013
0.015
VGS = - 10 V
ID = - 18 A; TJ = 175 °C
-
0.015
0.018
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 18 A
-
45
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 20 V, f = 1 MHz
-
4700
5875
pF
Output Capacitance
Coss
-
630
790
Reverse Transfer Capacitance
Crss
-
460
575
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 20 V, ID = - 18.6 A
-
98
150
nC
Gate-Source Chargec
Qgs
-14
-
Gate-Drain Chargec
Qgd
-23
-
Gate Resistance
Rg
f = 1 MHz
1.4
2.3
3.2
Ω
Turn-On Delay Timec
td(on)
VDD = - 20 V, RL = 20
Ω
ID
≅ - 1 A, VGEN = - 10 V, Rg = 6 Ω
-21
32
ns
Rise Timec
tr
-17
26
Turn-Off Delay Timec
td(off)
-
121
182
Fall Timec
tf
-51
77
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
-
-
- 120
A
Forward Voltage
VSD
IF = - 4.5 A, VGS = 0
-
- 0.8
- 1.2
V



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com