| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN55LBC976 bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN55LBC976 bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 25 page ![]() SN55LBC976 9-CHANNEL DIFFERENTIAL TRANSCEIVER SGLS091A – JUNE 1995 – REVISED JANUARY 1997 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION nB – nB + nA nDE/RE – + EN I/O 560 Ω† nB – nB + nA nDE/RE – + EN I/O nB – nB + nA nDE/RE – + 560 Ω SCSI Connector SCSI Connector SCSI Connector I O nB – nB + nA nDE/RE – + EN O‡ 560 Ω nB – nB + nA nDE/RE – + EN O‡ 560 Ω nB – nB+ nA nDE/RE – + 560 Ω SCSI Connector SCSI Connector SCSI Connector I O I I (a) ACTIVE-HIGH BIDIRECTIONAL I/O WITH SEPARATE ENABLE (b) ACTIVE-LOW BIDIRECTIONAL I/O WITH SEPARATE ENABLE (c) WIRED-OR DRIVER AND ACTIVE-HIGH INPUT (d) SEPARATE ACTIVE-HIGH INPUT, OUTPUT, AND ENABLE (e) SEPARATE ACTIVE-LOW INPUT AND OUTPUT AND ACTIVE-HIGH ENABLE (f) WIRED-OR DRIVER AND ACTIVE-LOW INPUT VCC VCC VCC VCC VCC VCC VCC 560 Ω† 560 Ω† 560 Ω† † When this resistor is 0 Ω, the circuit is open drain. ‡ Must be open-drain or 3-state output NOTE A: The BSR, CRE, A, and DE/RE inputs have internal pullups. CDE0, CDE1, and CDE2 have internal pulldowns. Figure 20. Typical SCSI Transceiver Connections |