| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SWRU281 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWRU281 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 21 page ![]() A www.ti.com SWRU281A Page 3 of 20 1 Introduction Thank you for purchasing the PurePath Wireless Headset Kit (CC85XXDK-HEADSET). The CC85xx devices are Texas Instrument’s wireless audio SoCs for the 2.4 GHz unlicensed ISM band. Upon the release of the PurePath Wireless Headset Kit only the CC8520 and CC8530 is released to the market, the subsequent devices in the CC85xx family will be released in the future. For the CC85xx family roadmap, please see the PurePath Wireless Audio page [1]. This CC85xx family offers state-of-the-art co-existence and robustness, excellent link budget and low power operation while streaming high-quality audio wirelessly. The CC8520 product folder on the web [6] has more information, with datasheets, user guides and application notes. The PurePath Wireless Headset Kit includes all the necessary hardware to evaluate, demonstrate, prototype and develop analog input and output applications, as well as USB applications with the CC85xx. The main parts in the kit are the two CC85xx Headset boards. The hardware included in the kit has the potential to demonstrate complete headset 1 2 About This Manual functionality. However, firmware to support bi-directional audio is not yet ready upon the release of this kit. Please see the product folder for all the supported features. This manual describes PurePath Wireless Headset Kit in detail, and points the user to other useful information sources. Chapter 4 briefly describes the contents of the kit. Chapter 5 gives a quick introduction to how to get started with the kit. Chapter 6 describes the hardware in the kit. Appendix A and B includes schematics of the hardware and the component placement for the kit. The CC85XXDK-HEADSET Quick Start Guide [2] has a short tutorial on how to use the kit with its out-of-the-box settings. This document is delivered within the kit box. For more details about the CC85xx devices, see the CC85xx Family User’s Guide [5]. Please visit the CC85XXDK-HEADSET web page [10] and CC8520 product page [6] for additional information. The complete production material i.e., schematics, BOM, gerber files etc. can also be found in CC85XXDK-HEADSET-RD web page [11]. Further information and support can be found on the TI LPRF Online Community [12]. Also see chapter 7 for a list of additional relevant documents and links. 1 Texas Instruments differentiates between the applications “headset” and “headphone”, the first being bidirectional with both headphones and microphone, and the latter being unidirectional with audio streaming in only one direction (no microphone). |