| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLAS191A bảng dữ liệu(PDF) 71 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS191A bảng dữ liệu(HTML) 71 Page - Texas Instruments |
|
71 / 86 page ![]() 5–5 5.4 Transmitting One Character To transmit one character, copy AA55h to memory location 3DEh, or memory location 5DEh for the MSP430X33x family. Store the character to transmit in RAM-location 020Eh. TX: MOV #0AA55h,&03DEh ; &05DEh for MSP430X33x MOV.B #‘a’,&TX_Data ; put char to TX_Data Call the function TX_Char to transmit the character stored at location 20Eh. call &0FFD2h ; call of TX_Char The function TX_Char includes the call of TX_prep implicit which prepares the half-duplex software UART to receive. Therefore, it is not necessary to call TX_Prep before calling TX_Char. |