công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC9301EVB bảng dữ liệu(PDF) 3 Page - Semtech Corporation

tên linh kiện SC9301EVB
Giải thích chi tiết về linh kiện  10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC9301EVB bảng dữ liệu(HTML) 3 Page - Semtech Corporation

  SC9301EVB Datasheet HTML 1Page - Semtech Corporation SC9301EVB Datasheet HTML 2Page - Semtech Corporation SC9301EVB Datasheet HTML 3Page - Semtech Corporation SC9301EVB Datasheet HTML 4Page - Semtech Corporation SC9301EVB Datasheet HTML 5Page - Semtech Corporation SC9301EVB Datasheet HTML 6Page - Semtech Corporation SC9301EVB Datasheet HTML 7Page - Semtech Corporation SC9301EVB Datasheet HTML 8Page - Semtech Corporation SC9301EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
SC9301
3
Absolute Maximum Ratings(1)
LX to PGND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30
LX to PGND (V) (transient — 100ns max.) . . . . . . -2 to +30
DH, BST to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +35
DH, BST to LX (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6
DL to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6
VIN to PGND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30
EN, FB, ILIM, PGOOD to AGND (V) . . . . . . -0.3 to +(VDD + 0.3)
SS, VLDO, VOUT to AGND (V) . . . . . . . . . -0.3 to +(VDD + 0.3)
TON to AGND (V). . . . . . . . . . . . . . . . . . . . . -0.3 to +(VDD -1.5)
ENL to AGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to VIN
VDD to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3 to +6
AGND to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 to +0.3
ESD Protection Level (1) (kV). . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 to 28
VDD to PGND (V) .. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0 to 5.5
VOUT to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6 to 5.5
Thermal Information
Storage Temperature (°C). . . . . . . . . . . . . . . . . . . . -60 to +150
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . . . 150
Operating Junction Temperature (°C) . . . . . . . . -40 to +125
Thermal resistance, junction to ambient (2) (°C/W)
High-side MOSFET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Low-side MOSFET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
PWM controller and LDO thermal resistance . . . . . 50
Peak IR Reflow Temperature (°C) . . . . . . . . . . . . . . . . . . . . 260
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Unless specified: V
IN
=12V, VDD = 5V, T
A
= +25°C for Typ, -40 to +85 °C for Min and Max, T
J
< 125°C, Typical Application Circuit
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Input Supplies
Input Supply Voltage
V
IN
> VDD
3
28
V
VDD Voltage
3
5.5
V
VIN UVLO Threshold(1)
Sensed at ENL pin, rising edge
1.47
1.57
1.77
V
Sensed at ENL pin, falling edge
1.15
1.35
VIN UVLO Hysteresis
Sensed at ENL pin; EN = 5V
0.3
V
VDD UVLO Threshold
Measured at VDD pin, rising edge
2.5
3.0
V
Measured at VDD pin, falling edge
2.4
2.9
VDD UVLO Hysteresis
0.18
V
VIN Supply Current
Shutdown mode; ENL , EN = 0V
8.5
20
μA
Standby mode; ENL = VDD, EN = 0V
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com