| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Y-CONC-R402M-CU2M-2000-C bảng dữ liệu(PDF) 3 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R402M-CU2M-2000-C bảng dữ liệu(HTML) 3 Page - YAMAHA CORPORATION |
|
3 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 2 Description: IP67 protective transport cap for Y-ConCover-10-* / Y-ConCover-40-* IP67-Transportschutzabdeckung für Y-ConCover-10-* / Y-ConCover-40-* Material: Body PE (Transparent white) Gehäuse Specifications: Operating Temp.: -20°C ~+80°C Betriebstemp. Part Number Colour Low Temperature Type Y-ConCover-10 Blue No Y-ConCover-10-B Black No Y-ConCover-10-LT Blue Yes Y-ConCover-10-B-LT Black Yes Series Design Number No Mark = Blue B = Black No Mark = Std. LT = Low Temp. Y-ConCover - 10 - * - * Part Number (Details) Outline Dimensions Description: IP67/68/69K cover for self assembly with Y-Con plugs and cables, complete with latches, seals and terminator cap IP67/68/69K-Steckergehäuse zur Selbstmontage mit Y-Con Kabelsteckern und Kabeln, komplett mit Rasthaken, Dichtungen und Abschlusskape Material: Body PBT, UL94V-0 Gehäuse Seal FKM (Viton®) or HNBR Dichtung Fixing clips Stainless steel Rasthaken Specifications: Operating Temp.: Std. - 20°C ~ +120°C Betriebstemp. LT - 40°C ~ +120°C Description: Metal cover for retro-fitting to Y-ConCover-10-* offering increased mechanical stability Metallisches Schutzgehäuse zur Nachrüstung auf Y-ConCover-10-*, für erhöhte mechanische Stabilität Material: Body + Buttons Die-cast zinc Gehäuse Screws Stainless Steel Schrauben Specifications: Operating Temp.: -20°C ~ +120°C Betriebstemp. Part No.: Y-ConCover-30 Part No.: Y-ConAS-21 46.0 Accessories Accessories |