công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AS856 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN74AS856
Giải thích chi tiết về linh kiện  8-BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS856 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74AS856 Datasheet HTML 1Page - Texas Instruments SN74AS856 Datasheet HTML 2Page - Texas Instruments SN74AS856 Datasheet HTML 3Page - Texas Instruments SN74AS856 Datasheet HTML 4Page - Texas Instruments SN74AS856 Datasheet HTML 5Page - Texas Instruments SN74AS856 Datasheet HTML 6Page - Texas Instruments SN74AS856 Datasheet HTML 7Page - Texas Instruments SN74AS856 Datasheet HTML 8Page - Texas Instruments SN74AS856 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54AS856, SN74AS856
8-BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
SDAS032A − DECEMBER 1983 − REVISED MARCH 1985
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
1985, Texas Instruments Incorporated
1
• Package Options Include Plastic Small
Outline Packages, Both Plastic and
Ceramic Chip Carriers, and Standard
Plastic and Ceramic 300-mil DIPs
• Buffered 3-State Outputs Drive Bus Lines
Directly
• Cascadable to n-Bits
• Eight Selectable Transceiver/Port
Functions:
− B to A
− Register to A and/or B
− Off-Line Shifts (A and B Ports in
High-Impedance State)
− Shifted to A and/or B
• Particularly Suitable for Use in Diagnostics
Analysis Circuitry
• Serial Register Provides:
− Parallel Storage of Either A or B input
Data
− Serial Transmission of Data from Either
A or B Port
− Readback Mode B to A
• Dependable Texas Instruments Quality and
Reliability
description
The ’AS856 features two 8-bit I/O ports (A1-A8
and B1-B8), an 8-bit parallel-load, serial-in,
parallel-out shift register, and control logic. With
these
features,
this
device
is
capable
of
performing eight selectable transceiver or port
functions, depending on the state of the three
control lines OEA, OEB, and MODE. These
functions include: transferring data from port A to
port B or vice versa (i.e., the transceiver function),
serial shifting data to either or both ports, and
performing off-line shifts (with A and B ports active
as transceivers in a high-impedance state).
Synchronous parallel loading of the internal register can be accomplished from either port on the positive
transition of the clock while serially shifting data in via the SERIN input. The ’AS856 is ideally suited for
applications needing signature-analysis circuitry to enhance system verification and/or fault analysis. All serial
data is shifted right. All outputs are buffer-type outputs designed specifically to drive bus lines directly and all
are 3-state except for Q8, which is a totem-pole output.
The SN54AS856 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
SN74AS856 is characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OEB
OEA
MODE
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
CLK
SERIN
B1
B2
B3
B4
B5
B6
B7
B8
Q8
SN54AS856 . . . JT PACKAGE
SN74AS856 . . . DW OR NT PACKAGE
(TOP VIEW)
32 1
13 14
5
6
7
8
9
10
11
B1
B2
B3
NC
B4
B5
B6
A1
A2
A3
NC
A4
A5
A6
4
15 16 17 18
SN54AS856 . . . FK PACKAGE
SN74AS856 . . . FN PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Số phần tương tự - SN74AS856

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AS850A TI1-SN74AS850A Datasheet
167Kb / 11P
1 OF 16 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS850AFN TI1-SN74AS850AFN Datasheet
265Kb / 13P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS850AN TI1-SN74AS850AN Datasheet
265Kb / 13P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS851B TI1-SN74AS851B Datasheet
265Kb / 13P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS851BN TI1-SN74AS851BN Datasheet
265Kb / 13P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74AS856

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14034B MOTOROLA-MC14034B Datasheet
313Kb / 9P
8-Bit Universal Bus Register
logo
NXP Semiconductors
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
8-Bit Registered Transceiver
CY74FCT2245T TI-CY74FCT2245T Datasheet
66Kb / 7P
8-Bit Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
8-Bit Registered Transceiver
logo
Texas Instruments
SN74AS877 TI1-SN74AS877 Datasheet
158Kb / 10P
8-BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
logo
Freescale Semiconductor...
MC68HC11A1CFNE3 FREESCALE-MC68HC11A1CFNE3 Datasheet
3Mb / 52P
8-Bit Micro controllers
logo
List of Unclassifed Man...
IR33Z9MR20 ETC2-IR33Z9MR20 Datasheet
370Kb / 2P
IR33 Universal Electronic Controllers
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9