| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F051C6 bảng dữ liệu(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051C6 bảng dữ liệu(HTML) 68 Page - STMicroelectronics |
|
68 / 104 page ![]() STM32F051x Electrical characteristics Doc ID 022265 Rev 3 69/105 6.3.13 I/O port characteristics General input/output characteristics Unless otherwise specified, the parameters given in Table 50 are derived from tests performed under the conditions summarized in Table 20. All I/Os are CMOS and TTL compliant. Table 50. I/O static characteristics Symbol Parameter Conditions Min Typ Max Unit VIL Standard I/O input low level voltage –0.3 - 0.3VDD+0.07 V TTa I/O input low level voltage –0.3 - 0.3VDD+0.07 FT and FTf(1) I/O input low level voltage –0.3 - 0.475VDD–0.2 BOOT0 input low level voltage 0 - 0.3VDD–0.3 VIH Standard I/O input high level voltage 0.445VDD+0.398 - VDD+0.3 TTa I/O input high level voltage 0.445VDD+0.398 - VDD+0.3 FT and FTf(1) I/O input high level voltage 0.5VDD+0.2 - 5.5 BOOT0 input high level voltage 0.2VDD+0.95 - 5.5 Vhys Standard I/O Schmitt trigger voltage hysteresis(2) 200 - - mV TTa I/O Schmitt trigger voltage hysteresis(2) 200 - - FT and FTf I/O Schmitt trigger voltage hysteresis(2) 100 - - BOOT0 input Schmitt trigger voltage hysteresis(2) 300 - - |