| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EMS22B30-R20-WW6 bảng dữ liệu(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EMS22B30-R20-WW6 bảng dữ liệu(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 5 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. EMS22A - Non-Contacting Absolute Encoder Output Type Waveform and Variant Table Applications ■ Material handling equipment ■ Brushless DC motor commutation ■ Robotics ■ Automotive ■ Industrial automation ■ Petroleum refinery ■ Medical ■ Office equipment ■ Audio and broadcast equipment CSn CLK D0 t CSn 500 ns min. t CLKFE 500 ns t D0 Tristate 100 ns min. T CLK/2 500 ns 0 15 07 Status Bits Angular Position Data Parity Bit t D0 valid 375 ns t D0 active 100 ns D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 S1 S2 S3 S4 S5 P1 D9 EMS22 μC 1st Device Data IN PROG DO PROG DO PROG DO CLK CSn CLK CSn CLK Daisy Chain Hardware Configuration Daisy Chain Mode Data Transfer CLK CSn CSn 2nd Device Last Device EMS22 EMS22 D6 D7 D9 CSn CLK FE t DO active t 18 16 D 1 2 3 CLK/2 T CLK DO Angular Position Data D8 D5 D1 D2 D4 D3 D0 Even PAR Mag DEC Mag INC LIN COF OCF D9 D8 D7 DO valid t Angular Position Data Status Bits 2nd Device 1st Device Data Content Description D9:D0 Absolute angular position data S1 End of offset compensation algorithm S2 Cordic overflow indicating an error in cordic part S3 Linearity alarm S4 Increase in magnitude S5 Decrease in magnitude P1 Even parity for detecting bits 1-15 transmission error Absolute Output |