| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H4CPC4UCT bảng dữ liệu(PDF) 2 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
H4CPC4UCT bảng dữ liệu(HTML) 2 Page - Amphenol Corporation |
|
2 / 2 page ![]() Notice: Specifications are subject to change without notice. Contact your nearest Amphenol Corporation Sales Office for the latest specifications. All statements, information and data given herein are believed to be accurate and reliable but are presented without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements of suggestions concerning possible use of our products are made without representation or warranty that any such use is free of patent infringement and are not recommendations to infringe any patent. The user should assume that all safety measures are indicated or that other measures may not be required. Specifications are typical and may not apply to all connectors. Technic al D at a North America: Amphenol Industrial Operations 180 N. Freeport Drive, Plant 4 Nogales, AZ 85621 Tel: (520) 285-5130 Fax: (520) 285-5134 Email: rpedrazzini@amphenol-aio.com Europe: Amphenol Industrial Operations Europe Via Barbaiana 5 1-20020 Lainate (MI) Italy Tel: +39 02 93254.204 Fax: +39 02 93254.444 Email: info@amphenol-aio.com Middle East: Amphenol Middle East Enterprises FZE Office C-37 PO Box 21107 Ajman Free Zone, UAE Tel: +9716-7422494 Fax: +9716-7422941 Email: ameefze@eim.ae Asia: Amphenol Technology Shenzhen Ltd Block 5 Fuan 2nd Industrial Park Dayang Rd, Fuyong Baoan Baoan, Shenzhen, China 518103 Tel; +86 755 2881 8389 Fax; +86 755 2991 8310 Email: enquiry@amphenol-aio.com For further information on your individual application requirements, contact: Amphenol Corporation Helios Amphenol solar connector Rated current 32A(2.5mm, AWG14), 40A(4.0mm, AWG12), 44A(6.0mm, AWG10), 65A(10.0mm, AWG8) Rated voltage 1000V (IEC/CEI), 1000V(UL) Test voltage 6kV for 1 minute, 10kV impulse (1.2/50µS)(IEC) Typical contact resistance 0.25m Ω Contact material Copper, tin plated Contact system Machined/Cold Formed or Stamped & Formed with RADSOK® insert Insulation material PC Locking mechanism Snap-lock, special unlock tool required to un-mate as required by NEC2008 Cable strain relief Compression gland with ratcheting gland nut Degree of protection IP68 (1 meter, 1 hour) mated Safety class II (IEC61140) Pollution degree 2 (IEC60664) Overvoltage category III (IEC60664) Flame class UL94-V0 Ambient temperature range -40°C to +85°C R 50157783 E 339277 Crimp Tool Universal Unlocking Tool 250535 Tool-Kit D erat ing c urves 1 2 3 4 5 6 7 8 H4 C F C 2 D I S Product line Product type Gender Connector type Cable size Approvals Packaging Variations H4 Helios H4 C Connector F Female + C Cable Gland 1 1.5-2.5mm²/ 14 AWG T TÜV I Single S S & F contact (Single contact) M Male - 2 2.5mm²/ 14 AWG U UL C 100 pcs Bag T Screw Termination (Field Installation) P Mated pair 4 4.0mm²/ 12 AWG D Dual M 500 pcs Bag 5 4.0-6.0mm²/ 10-12 AWG 6 6.0mm²/ 10 AWG 8 10.0mm²/ 8 AWG 0 Less Contacts How t o order How t o order assembly t ools Description Ordering code H4 Strip Tool H4TS0000 H4 Crimp Tool H4TC0001 H4 Wrench Tool H4TW0001 H4 Universal Unlocking Tool H4TU0000 H4 Tool-Kit H4TK0000 Strip Tool for 2,5SQMM-6SQMM (AWG10-AWG14) Wrench Tool |