| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT25DF021-SSH bảng dữ liệu(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT25DF021-SSH bảng dữ liệu(HTML) 2 Page - ATMEL Corporation |
|
2 / 19 page ![]() 2 Atmel AVR1923 8394B-AVR-02/12 2 Related items The following list contains links to the most relevant documents, software and tools for the Atmel AVR XMEGA-A3BU Xplained: Atmel AVR Xplained products Xplained is a series of small-sized and easy-to-use evaluation kits for 8- and 32-bit AVR microcontrollers. It consists of a series of low cost MCU boards for evaluation and demonstration of feature and capabilities of different MCU families. Atmel Xplained USB CDC driver The Xplained USB CDC driver file supports both 32- and 64-bit versions of Windows ® XP and Windows 7. Driver installs are not necessary on Linux ® operating systems. XMEGA-A3BU Xplained schematics Package containing schematics, BOM, assembly drawings, 3D plots, layer plots… AVR1923: XMEGA-A3BU Xplained Hardware Users Guide This document. AVR1935: XMEGA-A3BU Xplained Getting Started Guide This application note is a getting started guide for the XMEGA-A3BU Xplained. AVR1934: XMEGA-A3BU Xplained Software User Guide This application note is a user guide for the XMEGA-A3BU Xplained demo software. AVR1916: XMEGA USB DFU Boot Loaders This application note is a user guide for the XMEGA USB DFU boot loaders. Atmel AVR Studio® 5 AVR Studio 5 is a free Atmel IDE for development of C/C++ and assembler code for Atmel microcontrollers. Atmel FLIP (Flexible In-system Programmer) BatchISP (FLIP) is a command line tool for programming the flash and EEPROM memories of the AVR and is part of the FLIP installation. It can be used to communicate with the preprogrammed USB DFU boot loader. Atmel JTAGICE 3 JTAGICE 3 is a mid-range development tool for Atmel 8- and 32-bit AVR microcontrollers with on-chip debugging for source level symbolic debugging, NanoTrace (if supported by the device) and device programming. Atmel AVR JTAGICE mkII AVR JTAGICE mkII is a mid-range development tool for Atmel 8- and 32-bit AVR devices with on-chip debugging for source level symbolic debugging, NanoTrace (if supported by the device), and device programming (superseded by JTAGICE 3). Atmel AVR ONE! AVR ONE! is a professional development tool for all Atmel 8- and 32-bit AVR devices with on-chip debug capability. It is used for source level symbolic debugging, program trace, and device programming. The AVR ONE! supports the complete development cycle and is the fastest debugging tool offered from Atmel. Atmel AVR Dragon™ AVR Dragon sets a new standard for low cost development tools for 8- and 32-bit AVR devices with on-chip debug (OCD) capability. |