| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETE110PM bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE110PM bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 26 page ![]() ThunderLAN ™ TNETE110PM PCI ETHERNET ™ CONTROLLER SINGLE-CHIP 10 BASE-T SPWS029 – SEPTEMBER 1996 20 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timing requirements for management data I/O (MDIO) (see Figure 5) MIN MAX UNIT ta(MDCLKH-MDIOV) Access time, MDIO valid from MDCLK high (see Note 20) 0 300 ns NOTE 20: When the MDIO signal is sourced by the PMI /PHY, it is sampled by TNETE110PM synchronous to the rising edge of MDCLK. switching characteristics for management data I/O (MDIO) (see Figure 6) PARAMETER MIN MAX UNIT tsu(MDIOV-MDCLKH) Setup time, MDIO valid to MDCLK high (see Note 21) 10 ns th(MDCLKH-MDIOX) Hold time, MDCLK high to MDIO changing (see Note 21) 10 ns NOTE 21: MDIO is a bidirectional signal that can be sourced by TNETE110PM or the PMI /PHY. When TNETE110PM sources the MDIO signal, TNETE110PM asserts MDIO synchronous to the rising edge of MDCLK. ta(MDCLKH-MDIOV) MDCLK MDIO Figure 5. Management Data I/O Timing (Sourced by PHY) tsu(MDIOV-MDCLKH) th(MDCLKH-MDIOX) MDCLK MDIO Figure 6. Management Data I/O Timing (Sourced by TNETE110PM) |