| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Y-CONC-R402L-CU6P-2000-C bảng dữ liệu(PDF) 20 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R402L-CU6P-2000-C bảng dữ liệu(HTML) 20 Page - YAMAHA CORPORATION |
|
20 / 42 page ![]() TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 19 Description: RJ45 180° coupler jack, Cat 5, with 8 pin 1:1 wiring, (including flange adapter and locking clip). For use with Y-ConFlange-10-* or Y-ConFlange-40-* RJ45 180°-Verbindungsbuchse, Cat 5,mit 8-poliger1:1-Verdrahtung (inklusive Flansch-Adapter und Stopper-Keil). Für den Einsatz mit Y-ConFlange-10-* oder Y-ConFlange-40-* Material Jack body PBT, UL94V-0 Isolierkörper Shielding Stainless Steel Schirmung Contact Contact area Au/Ni Kontakte Adapter / PBT, UL94V-0 Locking Clip PA, UL94V-0 Specifications: Operating Temp.: -20°C ~ +80°C Betriebstemp. Durability: 750 mechanical cycles Lebensdauer Description: RJ45, Cat 6, shielded Keystone jack 8 pin tool free. (Cat 6 i.a.w. ANSI / TIA / EIA 568-B.2-1) For AWG 24-26 (insulation ∅1.0 - 1.6mm). For use with Y-ConFlange-10-* or Y-ConFlange-40-* RJ45, Cat 6, geschirmte Buchse 8-polig, werkzeuglos. (Cat 6 nach ANSI / TIA / EIA 568-B.2-1). Für AWG 24-26 (Isolation ∅1.0 - 1.6mm). Für den Einsatz mit Y-ConFlange-10-* oder Y-ConFlange-40-* Material Jack body Die-cast zinc RJ45 body PA46 Isolierkörper RJ45 shield Tin Plated Brass Schirmung RJ45 contact 40µ“ Au/CuBe IDC contact CuZn37 Kontakte Specifications: Operating Temp.: -40°C ~ +80°C Betriebstemp. Durability: 750 mechanical cycles Lebensdauer 36.4 10.3 17.4 Series 16 = for use with Y-ConFlange-10-* only M = for use with Y-ConFlange-40-* only Series Design Number K = for use with Y-ConFlange-10-* only KM = for use with Y-ConFlange-40-* only Y-ConJack - 16 M Y-ConJack - 16 K M Part Number (Details) Part Number (Details) Industrial RJ45 Jacks Adapter for Y-ConJack-16K Adapter for Y-ConJack-16KM Adapter for Y-ConJack-16 Adapter for Y-ConJack-16M Y-ConJack-16KM Y-ConJack-16M |