| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SR271A104FARTR1 bảng dữ liệu(PDF) 3 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
SR271A104FARTR1 bảng dữ liệu(HTML) 3 Page - AVX Corporation |
|
3 / 14 page ![]() 17 Radial Leads/SkyCap ®/SR Series X7R Dielectric AVX Style SR15 SR20 SR21 SR22 SR27 SR30 SR40 SR50 AVX “Insertable” SR07 SR29 SR59 N/A N/A SR65 SR75 N/A Width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (W) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) Height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (H) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) Thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (T) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) Lead Spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (L.S.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) Lead Diameter .508 .508 .508 .508 .508 .508 .508 .635 (L.D.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) Cap. in.* Industry Preferred WVDC WVDC WVDC WVDC WVDC WVDC WVDC WVDC pF Values in Blue 200 100 50 200 100 50 200 100 50 100 50 100 50 200 100 50 200 100 50 200 100 50 470 SR-----C471KAA 1000 SR155C102KAA 1500 SR-----C152KAA 2200 SR-----C222KAA 3300 SR-----C332KAA 4700 SR-----C472KAA 6800 SR-----C682KAA 10,000 SR215C103KAA 15,000 SR-----C153KAA 22,000 SR-----C223KAA 33,000 SR-----C333KAA 47,000 SR-----C473KAA 68,000 SR-----C683KAA 100,000 SR215C104KAA 150,000 SR-----C154KAA 220,000 SR215C224KAA 330,000 SR-----C334KAA 390,000 SR-----C394KAA 470,000 SR305C474KAA 1.0 uF SR305C105KAA 2.2 uF SR405C225KAA 2.7 uF SR505C275KAA 4.7 uF SR505C475KAA 10.0 uF SR655C106KAA = Industry preferred values = Extended range = Extended range with 0.150" thickness maximum SIZE AND CAPACITANCE SPECIFICATIONS EIA Characteristic Dimensions: Millimeters (Inches) For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory. |