| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Y-CONC-R602L-RJCU-2000-B bảng dữ liệu(PDF) 23 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R602L-RJCU-2000-B bảng dữ liệu(HTML) 23 Page - YAMAHA CORPORATION |
|
23 / 42 page ![]() Wiring Diagram for Y-ConJack-25C Wiring Diagram for Y-ConJack-26C Wiring Diagram for Y-ConJack-26C Outline Dimensions Y-ConJack-25C / -26C Part Number Signal Contacts Power Contacts Orientation PCB Y-ConJack-25C 4 2 90° Coupler Jack (wiring crossover) Y-ConJack-26C 8 2 90° Coupler Jack (wiring 1: 1) SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 22 Series With Power Contacts Design Number Y-ConJack - 2 *C Part Number (Details) Industrial RJ45 Jacks Description: RJ45 coupler jacks PCB mounted Cat 5. With power contacts and crossover or 1:1 wiring. For use with Y-ConCoupler-10-* RJ45 Verbindungsbuchse auf PCB, Cat 5, Crossover oder 1 : 1 Vedrahtung. Mit zusätzlichen Kontakten für die Stromversorgung. Für den Einsatz mit Y-ConCoupler-10-* Material: Jack body PA, UL94V-0 Isolierkörper Shielding Nickel plated brass Schirmung Contact Contact Area 30µ”Au/50µ”Ni Kontakte PCB FR4, UL94V-0 Specifications: Oper. Temp.: -40°C ~ +120°C Betriebstemp. Durability: 1,500 mechanical cycles Lebensdauer Current Rating: 2.1A @ 70°C (power contacts) Bemessungsstrom |