| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL3S1002AC2 bảng dữ liệu(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3S1002AC2 bảng dữ liệu(HTML) 24 Page - NXP Semiconductors |
|
24 / 56 page ![]() 139036 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.6 — 10 March 2011 139036 24 of 56 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 14. Physical layer and signaling 14.1 Reader to G2X communication 14.1.1 Physical layer For interrogator-to-G2X link modulation refer to Section 18, Ref. 1, annex H.1 Baseband waveforms, modulated RF, and detected waveforms. 14.1.2 Modulation An interrogator sends information to one or more G2X by modulating an RF carrier using double-sideband amplitude shift keying (DSB-ASK), single-sideband amplitude shift keying (SSB-ASK) or phase-reversal amplitude shift keying (PR-ASK) using a pulse-interval encoding (PIE) format. The G2X receives the operating energy from this same modulated RF carrier. Section 18, Ref. 1: Annex H, as well as chapter 6.3.1.2.2. The G2X is capable of demodulating all three modulation types. 14.1.3 Data encoding The R=>T link is using PIE. For the definition of the therefore relevant reference time interval for interrogator-to-chip signaling (Tari) refer to Section 18, Ref. 1, chapter 6.3.1.2.3. The Tari is specified as the duration of a data-0. 14.1.4 Data rates Interrogators shall communicate using Tari values between 6.25 μs and 25 μs, inclusive. For interrogator compliance evaluation the preferred Tari values of 6.25 μs, 12.5 μs or 25 μs should be used. For further details refer to Section 18, Ref. 1, chapter 6.3.1.2.4. 14.1.5 RF envelope for R=>T A specification of the relevant RF envelope parameters can be found in Section 18, Ref. 1, chapter 6.3.1.2.5. 14.1.6 Interrogator power-up/down waveform For a specification of the interrogator power-up and power-down RF envelope and waveform parameters refer to Section 18, Ref. 1, chapters 6.3.1.2.6 and 6.3.1.2.7. 14.1.7 Preamble and frame-sync An interrogator shall begin all R=>T signaling with either a preamble or a frame-sync. A preamble shall precede a Query command and denotes the start of an inventory round. For a definition and explanation of the relevant R=>T preamble and frame-sync refer to Section 18, Ref. 1, chapter 6.3.1.2.8. |