| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL3ICS1002 bảng dữ liệu(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1002 bảng dữ liệu(HTML) 39 Page - NXP Semiconductors |
|
39 / 56 page ![]() 139036 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.6 — 10 March 2011 139036 39 of 56 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL Table 20. Reset ReadProtect command Command Password RN CRC-16 # of bits 16 32 16 16 description 11100000 00000010 (access password) ⊗ 2*RN16 handle - Table 21. G2X reply to a successful Reset ReadProtect command Header RN CRC-16 # of bits 1 16 16 description 0 handle - Table 22. Reset ReadProtect command-response table Starting State Condition Response Next State ready all – ready arbitrate, reply, acknowledged all – arbitrate open ReadProtect bit is set, valid handle & valid access password Backscatter handle, when done open ReadProtect bit is set, valid handle & invalid access password – arbitrate ReadProtect bit is set, invalid handle – open ReadProtect bit is reset – open secured ReadProtect bit is set, valid handle & valid access password Backscatter handle, when done secured ReadProtect bit is set, valid handle & invalid access password – arbitrate ReadProtect bit is set, invalid handle – secured ReadProtect bit is reset – secured killed all – killed |