| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5000 bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
5000 bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 60 page ![]() www.ti.com Appendix A EVM Connector Descriptions A.1 Analog Interface Connectors A.1.1 Analog Dual-Row Header Details (J13 and J14) Appendix A This appendix contains the connection details for each of the main header connectors on the EVM. For maximum flexibility, the TLV320AIC3104EVM is designed for easy interfacing to multiple analog sources. Samtec part numbers SSW-110-22-F-D-VS-K and TSM-110-01-T-DV-P provide a convenient 10-pin dual row header/socket combination at J13 and J14. These headers/sockets provide access to the analog input and output pins of the device. Consult Samtec at www.samtec.com or call 1-800-SAMTEC-9 for a variety of mating connector options. Table A-1 summarizes the analog interface pinout for the TLV320AIC3104EVM.. Table A-1. Analog Interface Pinout PIN NUMBER SIGNAL DESCRIPTION J13.1 HPLCOM High-Power Output Driver (Left Minus or Multifunctional) J13.2 HPLOUT High-Power Output Driver (Left Plus) J13.3 HPRCOM High-Power Output Driver (Right Minus or Multifunctional) J13.4 HPROUT High-Power Output Driver (Right Plus) J13.5 LINE1LM MIC1 or LINE1 Analog Input (Left Minus or Multifunctional) J13.6 LINE1LP MIC1 or LINE1 Analog Input (Left Plus or Multifunctional) J13.7 LINE1RM MIC1 or LINE1 Analog Input (Right Minus or Multifunctional) J13.8 LINE1RP MIC1 or LINE1 Analog Input (Right Plus or Multifunctional) J13.9 AGND Analog Ground J13.10 MIC3L MIC3 Input (Left or Multifunctional) J13.11 AGND Analog Ground J13.12 MIC3R MIC3 Input (Right or Multifunctional) J13.13 AGND Analog Ground J13.14 MICBIAS Microphone Bias Voltage Output J13.15 NC Not Connected J13.16 MICDET Microphone Detect J13.17 AGND Analog Ground J13.18 NC Not Connected J13.19 AGND Analog Ground J13.20 NC Not Connected J14.1 LINE2RM MIC2 or LINE2 Analog Input (Right Minus or Multifunctional) J14.2 LINE2RP MIC2 or LINE2 Analog Input (Right Plus or Multifunctional) J14.3 LINE2LM MIC2 or LINE2 Analog Input (Left Minus or Multifunctional) J14.4 LINE2RP MIC2 or LINE2 Analog Input (Left Plus or Multifunctional) J14.5 MONO_LOP Mono-Line Output (Plus) J14.6 MONO_LOM Mono-Line Output (Minus) J14.7 LEFT_LOP Left-Line Output (Plus) J14.8 LEFT_LOM Left-Line Output (Minus) J14.9 AGND Analog Ground J14.10 RIGHT_LOP Right-Line Output (Plus) J14.11 AGND Analog Ground J14.12 RIGHT_LOM Right-Line Output (Minus) J14.13 AGND Analog Ground J14.14 NC Not Connected J14.15 NC Not Connected J14.16 NC Not Connected SLAU218 – August 2007 EVM Connector Descriptions 37 Submit Documentation Feedback |