| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRLML6402 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
IRLML6402 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 12 page ![]() www.ti.com Software Operation Figure 6. ROM CMD Page 8.3 DATA This page (see Figure 7) allows the user to program the 1.5K-bit EPROM with desired values and to program the STATUS bytes. It requires that the hardware is set up as described in the EPROM programming of this user's guide. 8.3.1 1.5K-Bit EPROM The EPROM memory map is organized in six pages of 32 bytes each. All registers can be read by clicking on the Read Memory button. As the registers of a specific page are being read, the page number is highlighted in red. The two methods of programming the EPROM using the evaluation program follow. 1. Click on a specific grid that corresponds to the register that needs to be written. Write the hexadecimal value of the data that needs to be written, and then press ENTER. 2. The other method of programming the EPROM is by importing a data file that contains all the values to be programmed. The data file has the file extension .epr. An example of a data file is included with the evaluation program. To create additional data files, modify the example file so that the values on the right side of the file represent the desired values. Save the file with a different name ensuring that the extension .epr is used. To import a file into the grid, go to File → Open Data File, and select the appropriate file. Once the file is opened, the grid is filled in with the values contained in the data file. 9 SLUU763 – December 2011 bq2026 Evaluation Software Submit Documentation Feedback Copyright © 2011, Texas Instruments Incorporated |