| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS12SDP2 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SS12SDP2 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 34 page ![]() www.ti.com ADS1248EVM-PDK Kit Operation 8.1 Installing the ADCPro Software CAUTION Do not connect the ADS1248EVM-PDK before installing the software on a suitable PC. Failure to observe this caution may cause Microsoft Windows to not recognize the ADS1248EVM-PDK as a connected device. The CD-ROM shipped with the ADS1248EVM contains an installer for ADCPro as well as an installer for the ADS1248EVM plug-in. The latest software is available from the TI website at http://www.ti.com/. Refer to the ADCPro User Guide for instructions on installing and using ADCPro. To install the ADS1248EVM-PDK plug-in, run the file: ads1248evm-pdk-plug-in-1.0.0.exe (1.0.0 is the version number, and increments with software version releases; you may have a different version on your CD). Double-click the file to run it; then follow the instructions shown. You can also utilize the ADCPro Update Check feature to check for newer versions of the ADS1248EVM-PDK plug-in, once you have installed a version of it. Follow the on-screen prompts. Once the ADCPro plug-in installs, you will be prompted to install the Virtual COM port driver as shown in Figure 4. Figure 4. Virtual COM Port Installer Press OK, and the screen shown in Figure 5 is displayed. Figure 5. Virtual COM Port Setup If you already have a TUSB3410 Virtual COM port driver installed on your system, select Cancel; otherwise, press Setup and follow the on-screen prompts. You may be notified that the driver is not digitally signed. If this message appears, select Continue Anyway and proceed. 9 SBAU142B – April 2009 – Revised May 2011 ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and ADS1248EVM-PDK Submit Documentation Feedback Copyright © 2009–2011, Texas Instruments Incorporated |