| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS41356B bảng dữ liệu(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DS41356B bảng dữ liệu(HTML) 33 Page - Microchip Technology |
|
33 / 54 page ![]() © 2009 Microchip Technology Inc. DS41356B-page 29 2.7.1 Overview of the CDC – Serial Emulator Firmware The CDC Serial Emulator firmware flow is shown in Figure 2-6. FIGURE 2-6: FLOWCHART FOR CDC SERIAL EMULATOR CODE RS232 OUT Buffer available and USB OUT Buffer NOT EMPTY YES YES Copy USB OUT Buffer to RS232 OUT Buffer Copy next byte to EUSART Copy USB IN Buffer to USB Buffer Add byte to RS232 IN Buffer RS232 OUT Buffer NOT EMPTY and EUSART is EMPTY EUSART has a byte YES YES RS232 IN Buffer has data and USB IN Buffer available CDCTxService( ) ProcessIO( ) NO NO NO NO |