công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

REF196GRUZ bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện REF196GRUZ
Giải thích chi tiết về linh kiện  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

REF196GRUZ bảng dữ liệu(HTML) 5 Page - Analog Devices

  REF196GRUZ Datasheet HTML 1Page - Analog Devices REF196GRUZ Datasheet HTML 2Page - Analog Devices REF196GRUZ Datasheet HTML 3Page - Analog Devices REF196GRUZ Datasheet HTML 4Page - Analog Devices REF196GRUZ Datasheet HTML 5Page - Analog Devices REF196GRUZ Datasheet HTML 6Page - Analog Devices REF196GRUZ Datasheet HTML 7Page - Analog Devices REF196GRUZ Datasheet HTML 8Page - Analog Devices REF196GRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Evaluation Board User Guide
UG-272
Rev. A | Page 5 of 12
USING THE EVALUATION BOARD SOFTWARE
Figure 4. AD9833 DDS Evaluation Software
SETTING UP THE DIGITAL INTERFACE
The first software step in setting up the AD9833 to make some
measurements is to set the DIGITAL INTERFACE value. The
EVAL-SDP-CB1Z has two connectors plugs: connectorA and
connectorB. Select the connector you want to use with the
AD9837 evaluation board from the drop-down box.
The SPI Frame Frequency (/SYNC) box and SCLK Frequency
box can also be set in this window. If the SPI interface speed has
not been decided, leave the default values shown in Figure 5.
Figure 5. Digital Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12