| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST48CF032 bảng dữ liệu(PDF) 6 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST48CF032 bảng dữ liệu(HTML) 6 Page - Silicon Storage Technology, Inc |
|
6 / 60 page ![]() 6 Data Sheet CompactFlash Card SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256 ©2001 Silicon Storage Technology, Inc. S71125-03-000 9/01 375 1.2 SST’s CompactFlash Card Product Offering The SST48CFxxx High CompactFlash product family is available in 8 to 256 MByte densities. The following table shows the specific capacity, default number of cylinder heads, sectors and cylinders for each product line. . 2.0 ELECTRICAL INTERFACE 2.0.1 Pin Assignment and Pin Type The signal/pin assignments are listed in Table 2-1. Low active signals have a “-” prefix. Pin types are Input, Output or Input/ Output. Section 2.3 defines the DC characteristics for all input and output type structures. 2.1 Electrical Description The CompactFlash card functions in three basic modes: 1) PC Card ATA using I/O Mode, 2) PC Card ATA using Memory Mode and 3) True IDE Mode, which is compatible with most disk drives. The configuration of the CompactFlash card will be controlled using the standard PCMCIA configuration registers starting at address 200H in the Attribute Memory space of the storage card or for True IDE Mode, pin 9 being grounded. Table 2-2 describes the I/O signals. Signals whose source is the host are designated as inputs while signals that the Com- pactFlash card sources are outputs. The CompactFlash card logic levels conform to those specified in the PCMCIA Release 2.1 and CFA Specification Rev. 1.4. As shown in Table 2-2, each signal has three possible operating modes: 1) PC Card Memory, 2) PC Card I/O and 3) True IDE. All outputs from the card are totem pole except the data bus signals which are bi- directional tri-state. Refer to Section 2.3 for definitions of Input and Output type. Model Number Density Total Bytes Cylinders Heads Sectors SST48CF008 8 MB 8,028,160 245 2 32 SST48CF016 16 MB 16,023,552 489 2 32 SST48CF024 24 MB 24,051,712 367 4 32 SST48CF032 32 MB 32,047,104 489 4 32 SST48CF048 48 MB 48,037,888 733 4 32 SST48CF064 64 MB 64,028,672 977 4 32 SST48CF096 96 MB 96,075,776 733 8 32 SST48CF128 128 MB 128,057,344 977 8 32 SST48CF192 192 MB 192,151,552 733 16 32 SST48CF256 256 MB 256,114,688 977 16 32 |