| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Y-CONC-R62CU-RJ2M-2000-A bảng dữ liệu(PDF) 28 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R62CU-RJ2M-2000-A bảng dữ liệu(HTML) 28 Page - YAMAHA CORPORATION |
|
28 / 42 page ![]() Y-ConCover-40-E Part Number Cover Plug Signal Contacts Power Contacts Y-ConKit-40-E Y-ConCover-40-E Y-ConPlug-11 4 (Ethernet) 0 Y-ConKit-41-E Y-ConCover-40-E Y-ConPlug-21 4 (Ethernet) 2 TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 27 Description: IP67/68/69K RJ45 Field kit for self-assembly (metal) IP67/68/69K RJ45 Konfektionierungs Kit zur Selbstmontage Description: IP20 RJ45 Field kit for self-assembly IP20 RJ45 Konfektionierungs-Kit zur Selbstmontage Description: IP20 EMI RJ45 Field kit for self-assembly (Metal) IP20 EMI RJ45 Konfektionierungs-Kit zur Selbstmontage (Metallversion) Description: IP67/68/69K EMI RJ45 Field kit for self-assembly (metal) IP67/68/69K EMV RJ45 Konfektionierungs- Kit zur Selbstmontage (Metallversion) Part Number Strain Relief Plug Signal Contacts Power Contacts Y-ConKit-10 Y-ConAS-11 Y-ConPlug-11 4 (Ethernet) 0 Y-ConKit-11 Y-ConAS-11 Y-ConPlug-21 4 (Ethernet) 2 Y-ConKit-12 Y-ConAS-11 Y-ConPlug-51 8 2 Y-ConKit-13 Y-ConAS-11 Y-ConPlug-31 6 2 Y-ConKit-14 Y-ConAS-11 Y-ConPlug-41 8 0 Part Number Protection Cap Cover Type Plug Type Signal Contacts Power Contacts Y-ConKit-15 Y-ConAS-12 Y-ConCover-20 Y-ConPlug-21 4 (Ethernet) 2 Y-ConKit-16 Y-ConAS-12 Y-ConCover-20 Y-ConPlug-51 8 2 Y-ConKit-17 Y-ConAS-12 Y-ConCover-20 Y-ConPlug-11 4 (Ethernet) 0 Y-ConAS-11 Insert Y-ConAS-12 Y-ConRJ45 Field Kits IP67 / 68 / 69K Field Kits IP20 Field Kits IP67 / 68 / 69K Metal Field Kits (EMI) IP20 Field Kits (EMI) Y-ConKit - 4* Y-ConKit - 1* Y-ConKit - 1* Y-ConKit - 4* Part Number (Details) Part Number (Details) Part Number (Details) Part Number (Details) Y-ConCover20 Series See table below Series See table below Series See table below Series See table below Part Number Cover Plug Signal Contacts Power Contacts Y-ConKit-40 Y-ConCover-40 Y-ConPlug-11 4 (Ethernet) 0 Y-ConKit-41 Y-ConCover-40 Y-ConPlug-21 4 (Ethernet) 2 Y-ConCover-40 Y-ConPlug-** Y-ConPlug-** Y-ConPlug-** Insert Insert Insert Y-ConPlug-** Insert |