| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETX4080GGP bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4080GGP bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 64 page ![]() TNETX4080 ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998 19 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DIO interface description (continued) Table 3 and Table 4 list the least significant byte address for the port-specific statistics. Table 5 lists address-lookup statistics. Each statistic is four bytes long. To determine the address of a particular statistic, replace the xx in the head column with the characters from the tail address. Table 3 has two tail columns: one for even-numbered ports and the other for odd-numbered ports. See the TNETX4090 Programmer’s Reference Guide, literature number SPAU003, for a detailed description of the statistic registers. Example: Port 7 head = 0x83xx 64-octet frames tail = A8 (odd-numbered port) Port 7 octet frames statistic = 0x83A8 |