| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETX4080 bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4080 bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 64 page ![]() TNETX4080 ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998 12 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions (Continued) power supply TERMINAL DESCRIPTION NAME NO. DESCRIPTION GND A1, A2, A13, A14, A25, A26, AF13, AF14, B1, B3, B24, B26, C2, C25, N1, N26, P1, P25, P26, R23, R24, R26, T24, U23, W23, W24, W25, W26, Y23, Y25, AA23, AA25, AB25, AD2, AD25, AE1, AE3, AE24, AE26, AF1, AF2, AF25, AF26 Ground. The 0-V reference for the TNETX4080. GNDa U24 Ground. The 0-V reference for the analog functions within the rambus ASIC cell (RAC). VDD(2.5) B2, B25, C3, C24, D4, D9, D14, D18, D23, J4, J23, N4, P23, V4, V23, AC4, AC9, AC13, AC18, AC23, AD3, AD24, AE2, AE25 2.5-V supply voltage. Power for the core. VDD(3.3) D8, D13, D17, H23, K4, P4, W4, AC10, AC14, AC19 3.3-V supply voltage. Power for the I/Os. VDDa(2.5) T23 2.5-V supply voltage. Power for the analog functions within the RAC. |