| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST207E104FAR bảng dữ liệu(PDF) 2 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
ST207E104FAR bảng dữ liệu(HTML) 2 Page - AVX Corporation |
|
2 / 14 page ![]() 16 Radial Leads/SkyCap ®/SR Series C0G (NP0) Dielectric SIZE AND CAPACITANCE SPECIFICATIONS EIA Characteristic Dimensions: Millimeters (Inches) For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory. *Other capacitance values available upon special request. Capacitance ranges available for SR12 and SR07 same as SR15 SR62 and SR59 same as SR21 SR64 and SR65 same as SR30 SR75 same as SR40 SR13 same as SR21 NOTE: For others voltages, tolerances, electrical specifications and NPO typical characteristics, see the AVX Multilayer Ceramic Leaded Capacitors Catalog. = Industry preferred values = SR20 only 200 100 50 200 100 50 200 100 50 200 100 50 100 50 100 50 100 50 AVX Style SR15 SR20 SR21 SR22 SR27 SR30 SR40 SR50 AVX “Insertable” SR07 SR29 SR59 N/A N/A SR65 SR75 N/A Width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (W) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) Height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (H) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) Thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (T) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) Lead Spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (L.S.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) Lead Diameter .508 .508 .508 .508 .508 .508 .508 .635 (L.D.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) Cap. in.* Industry Preferred WVDC WVDC WVDC WVDC WVDC WVDC WVDC WVDC pF Values in Blue 200 100 50 1.0-9.9 SR151A1R0DAR 10 SR151A100KAR 15 SR-----A150KAR 22 SR-----A220KAR 33 SR-----A330KAR 39 SR-----A390KAR 47 SR-----A470KAR 68 SR-----A680KAR 100 SR151A101KAR 150 SR-----A151KAR 220 SR-----A221KAR 330 SR-----A331KAR 390 SR-----A391KAR 470 SR-----A471KAR 680 SR-----A681KAR 1000 SR211A102KAR 1500 SR-----A152KAR 2200 SR-----A222KAR 3900 SR-----A392KAR 4700 SR-----A472KAR 6800 SR-----A682KAR 8200 SR-----A822KAR 10,000 SR305A103KAR 15,000 SR-----A153KAR 22,000 SR-----A223KAR 33,000 SR-----A333KAR 39,000 SR-----A393KAR 47,000 SR-----A473KAR 68,000 SR-----A683KAR 100,000 SR-----A104KAR |