công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Y-CONC-R606P-RJ2L-2000-A bảng dữ liệu(PDF) 28 Page - YAMAHA CORPORATION

tên linh kiện Y-CONC-R606P-RJ2L-2000-A
Giải thích chi tiết về linh kiện  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAHA [YAMAHA CORPORATION]
Trang chủ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R606P-RJ2L-2000-A bảng dữ liệu(HTML) 28 Page - YAMAHA CORPORATION

Back Button Y-CONC-R606P-RJ2L-2000-A Datasheet HTML 24Page - YAMAHA CORPORATION Y-CONC-R606P-RJ2L-2000-A Datasheet HTML 25Page - YAMAHA CORPORATION Y-CONC-R606P-RJ2L-2000-A Datasheet HTML 26Page - YAMAHA CORPORATION Y-CONC-R606P-RJ2L-2000-A Datasheet HTML 27Page - YAMAHA CORPORATION Y-CONC-R606P-RJ2L-2000-A Datasheet HTML 28Page - YAMAHA CORPORATION Y-CONC-R606P-RJ2L-2000-A Datasheet HTML 29Page - YAMAHA CORPORATION Y-CONC-R606P-RJ2L-2000-A Datasheet HTML 30Page - YAMAHA CORPORATION Y-CONC-R606P-RJ2L-2000-A Datasheet HTML 31Page - YAMAHA CORPORATION Y-CONC-R606P-RJ2L-2000-A Datasheet HTML 32Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Y-ConCover-40-E
Part Number
Cover
Plug
Signal Contacts
Power Contacts
Y-ConKit-40-E
Y-ConCover-40-E
Y-ConPlug-11
4 (Ethernet)
0
Y-ConKit-41-E
Y-ConCover-40-E
Y-ConPlug-21
4 (Ethernet)
2
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
27
Description:
IP67/68/69K RJ45 Field kit
for self-assembly (metal)
IP67/68/69K RJ45 Konfektionierungs Kit
zur Selbstmontage
Description:
IP20 RJ45 Field kit for
self-assembly
IP20 RJ45 Konfektionierungs-Kit
zur Selbstmontage
Description:
IP20 EMI RJ45 Field kit
for self-assembly (Metal)
IP20 EMI RJ45 Konfektionierungs-Kit
zur Selbstmontage (Metallversion)
Description:
IP67/68/69K EMI RJ45
Field kit for self-assembly
(metal)
IP67/68/69K EMV RJ45 Konfektionierungs-
Kit zur Selbstmontage (Metallversion)
Part Number
Strain Relief
Plug
Signal Contacts
Power Contacts
Y-ConKit-10
Y-ConAS-11
Y-ConPlug-11
4 (Ethernet)
0
Y-ConKit-11
Y-ConAS-11
Y-ConPlug-21
4 (Ethernet)
2
Y-ConKit-12
Y-ConAS-11
Y-ConPlug-51
8
2
Y-ConKit-13
Y-ConAS-11
Y-ConPlug-31
6
2
Y-ConKit-14
Y-ConAS-11
Y-ConPlug-41
8
0
Part Number
Protection Cap
Cover Type
Plug Type
Signal Contacts
Power Contacts
Y-ConKit-15
Y-ConAS-12
Y-ConCover-20
Y-ConPlug-21
4 (Ethernet)
2
Y-ConKit-16
Y-ConAS-12
Y-ConCover-20
Y-ConPlug-51
8
2
Y-ConKit-17
Y-ConAS-12
Y-ConCover-20
Y-ConPlug-11
4 (Ethernet)
0
Y-ConAS-11
Insert
Y-ConAS-12
Y-ConRJ45 Field Kits
IP67 / 68 / 69K Field Kits
IP20 Field Kits
IP67 / 68 / 69K Metal Field Kits
(EMI)
IP20 Field Kits (EMI)
Y-ConKit
- 4*
Y-ConKit
- 1*
Y-ConKit
- 1*
Y-ConKit
- 4*
Part Number (Details)
Part Number (Details)
Part Number (Details)
Part Number (Details)
Y-ConCover20
Series
See table below
Series
See table below
Series
See table below
Series
See table below
Part Number
Cover
Plug
Signal Contacts
Power Contacts
Y-ConKit-40
Y-ConCover-40
Y-ConPlug-11
4 (Ethernet)
0
Y-ConKit-41
Y-ConCover-40
Y-ConPlug-21
4 (Ethernet)
2
Y-ConCover-40
Y-ConPlug-**
Y-ConPlug-**
Y-ConPlug-**
Insert
Insert
Insert
Y-ConPlug-**
Insert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42