công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Y-CONC-R422M-CU2S-2000-A bảng dữ liệu(PDF) 35 Page - YAMAHA CORPORATION

tên linh kiện Y-CONC-R422M-CU2S-2000-A
Giải thích chi tiết về linh kiện  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAHA [YAMAHA CORPORATION]
Trang chủ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R422M-CU2S-2000-A bảng dữ liệu(HTML) 35 Page - YAMAHA CORPORATION

Back Button Y-CONC-R422M-CU2S-2000-A Datasheet HTML 31Page - YAMAHA CORPORATION Y-CONC-R422M-CU2S-2000-A Datasheet HTML 32Page - YAMAHA CORPORATION Y-CONC-R422M-CU2S-2000-A Datasheet HTML 33Page - YAMAHA CORPORATION Y-CONC-R422M-CU2S-2000-A Datasheet HTML 34Page - YAMAHA CORPORATION Y-CONC-R422M-CU2S-2000-A Datasheet HTML 35Page - YAMAHA CORPORATION Y-CONC-R422M-CU2S-2000-A Datasheet HTML 36Page - YAMAHA CORPORATION Y-CONC-R422M-CU2S-2000-A Datasheet HTML 37Page - YAMAHA CORPORATION Y-CONC-R422M-CU2S-2000-A Datasheet HTML 38Page - YAMAHA CORPORATION Y-CONC-R422M-CU2S-2000-A Datasheet HTML 39Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
34
Description:
Y-ConFlange adapter modules for use with
Y-ConUSB-PCB-**Jacks
Y-ConFlange Adaptergehäuse für die
Y-ConUSB-PCB-** Buchsen
Material:
PBT, black
Specifications:
Operating Temp.: -40°C ~ +120°C
Betriebstemp.
Part Number
Colour
Y-ConFlange-10
Blue
Y-ConFlange-10-B
Black
Part Number
Adapter Use
Y-ConUSB-Adapter-10
for all USB-A modules
Y-ConUSB-Adapter-20
for all USB-B modules
Series
Design Number
(see table below)
Y-ConUSB-Adapter - **
Part Number (Details)
Outline Dimensions
Description:
Universal
mounting flange with an integrated
2C seal (also in the screw area) to ensure IP6*
protection when mounted with Y-ConCover-10-*
Universeller
Gehäuseflansch mit integrierter 2K-Dichtung
(auch im Schraubbereich). Damit sind für Y-ConCover-10-*
im montierten Zustand die Schutzarten IP6* gewährleistet
Material:
Flange Body
PBT, UL94V-0
Flanschgehäuse
Flange Seal
TPE, UL94 HB
Flanschdichtung
Specifications:
Operating Temp.: -40°C ~ +120°C
Betriebstemp.
Series
Design Number
No Mark = Blue
B = Black
Y-ConFlange - 10 - *
Part Number (Details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42