| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IPS401 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IPS401 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 18 page ![]() IN-PLUG ® IPS401 Datasheet - Rev.11 - Universal WHITE LED Controller with 0.5V current FB voltage © Copyright 2005-2007 - ASIC Advantage, Inc. – All rights reserved - Revision 11 – April 02, 2007 2 / 18 BASIC APPLICATION SCHEMATICS Figure 1 Figure 2 Note: see page 11 for topology selection C3 3 1 BR1 AC IN Q1 NMOSFET U2 IPS401 D1 D2 D3 D4 R1 C1 C2 C4 D5 LED R2 R3 R4 R5 R6 D6 D7 D8 C5 C6 D9 D10 LED D11 LED D12 LED D13 LED D14 LED D15 LED D16 LED D17 LED D18 LED D19 LED D20 LED D21 LED D22 LED D23 LED D24 LED D25 LED D26 LED R7 R8 R9 C7 RS String Current Sensing Dimming MultipleStrings of 50x100mWWhite LEDS FLYBACKTOPOLOGY C8 Input TR1 TRANSF-1P1B1S Bi as winding Flyback Topology Boost Topology C3 3 1 BR1 AC IN Q1 NMOSFET U2 IPS401 TR1 INDUCTOR WITH BIAS D1 D2 D3 D4 R1 C1 C2 C4 D5 LED R2 R3 R4 R5 R6 D6 D7 D8 C5 C6 D9 D10 LED D11 LED D12 LED D13 LED D14 LED D15 LED D16 LED D17 LED D18 LED D19 LED D20 LED D21 LED D22 LED D23 LED D24 LED D25 LED D26 LED R7 R8 R9 C7 RS String Current Sensing Dimming MultipleStrings of 125x100mWWhiteLEDS BOOSTTOPOLOGY C8 Input |