công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Y-CONC-R422M-RJ6P-2000-A bảng dữ liệu(PDF) 33 Page - YAMAHA CORPORATION

tên linh kiện Y-CONC-R422M-RJ6P-2000-A
Giải thích chi tiết về linh kiện  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAHA [YAMAHA CORPORATION]
Trang chủ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R422M-RJ6P-2000-A bảng dữ liệu(HTML) 33 Page - YAMAHA CORPORATION

Back Button Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 29Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 30Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 31Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 32Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 33Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 34Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 35Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 36Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 37Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
32
Description:
RJ45 Cat 5 plug for use in ProfiNet
applications, with cable guide, shielding
and cable crimp. 4 data contacts.
Suitable for AWG22 cable with a lead
≤ ∅1.40mm
RJ45 Cat 5 Kabelstecker für ProfiNet-Anwendungen
mit Kabelführung, Schirmung und Kabelcrimp.
4 Datenkontakte. Passend zu AWG22-Kabel mit
Einzelader
≤ ∅1,40mm
Description:
100 Mbit, Cat 5e ES, digital signal cable
for use with Y-ConPlug-15 in ProfiNet
applications, with 4 data lines,
100 Mbps, Cat 5e ES, Kabel für digitale Signale,
für den Einsatz mit Y-Con-Plug15 bei
ProfiNet-Anwendung mit 4 Datenleitungen,
Material:
Plug
PBT, UL94V-0
Steckergehäuse
Shield:
Nickel plated brass
Schirm
Contact Area: 30µ" Au over Ni
Kontakt
Part Number Y-ConPlug-15
Part Number Y-ConCable-7
Specifications:
Operating Temp.: -40°C ~ +120°C
Betriebstemp.
Durability:
1,500 mechanical cycles
Lebensdauer
ProfiNet
Building on the success of ProfiBus, the ProfiNet
transmission standard is set to become one of the
most important for industrial automation applications.
The Y-Con ProfiNet connector employs piercing contacts,
and the plug mating face conforms to the RJ45 standard.
It can thereby be used with standard RJ45 jacks and is
backwards compatible.
Aufbauend auf dem Erfolg von ProfiBus ist der ProfiNet Übertragungs-
standard dabei, einer der wichtigsten Verkabelungsstandards für
Anwendungen der industriellen Automation zu werden.
Der Y-Con ProfiNet Stecker verwendet Piercing-Kontakte.
Das Steckgesicht ist identisch mit dem RJ45-Steckertyp. Somit ist er
auch mit Standard RJ45-Buchsen anwendbar und abwärts kompatibel.
Material:
Jacket:
PUR
Mantel
Bending Radius:
49mm multiple turns
Biegeradius
21mm single turn
Operating Temp.:
-20°C ~ +80°C
Betriebstemp.
Colour:
Green
Farbe
For more Y-ConCable-7 specifications
see page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com