| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATSTI1OP-563-C1-R0 bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ATSTI1OP-563-C1-R0 bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 33 page ![]() Quick Setup Guide www.ti.com Figure 7. Channel and Master Volume GUI Uncheck mute and increase volume to the desired level, and close the window. Then press the MUTE switch on Input-USB Board 3 to extinguish the MUTE LED. The EVM should now operate. NOTE: In some cases when power is cycled on the DUT or Input-USB Board 3 but the GUI is not closed, it will be necessary to take an action like checking and unchecking mute to force I2C communication to refresh TAS5538. In some cases the startup process must be repeated. An SPDIF input may be provided to Input-USB Board 3 by coax to jack COAX or by optical connection to jack OPTO. Alternatively an analog input may be connected to jack ADC1_IN. An analog input will override an SPDIF input. 10 TAS5612L-TAS5614LDDVEVM SLAU375 – May 2012 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated |