| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F0DISCOVERY bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F0DISCOVERY bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 41 page ![]() UM1525 Quick start Doc ID 022910 Rev 2 7/41 2 Quick start The STM32F0DISCOVERY is a low-cost and easy-to-use development kit to quickly evaluate and start development with an STM32 F0 series microcontroller. Before installing and using the product, please accept the Evaluation Product License Agreement from www.st.com/stm32f0discovery. For more information on the STM32F0DISCOVERY and for demonstration software, visit www.st.com/stm32f0discovery. 2.1 Getting started Follow the sequence below to configure the STM32F0DISCOVERY board and launch the DISCOVER application: 1. Check jumper position on the board, JP2 on, CN2 on (Discovery selected). 2. Connect the STM32F0DISCOVERY board to a PC with a USB cable ‘type A to mini-B’ through USB connector CN1 to power the board. Red LED LD1 (PWR) and LD2 (COM) light up and green LED LD3 blinks. 3. Press user button B1 (bottom left corner of the board). 4. Observe how the green LED LD3 blinking changes according to USER button B1 clicks. 5. Each click on USER button B1 is confirmed by the blue LED LD4. 6. To study or modify the DISCOVER project related to this demo, visit www.st.com/stm32f0discovery and follow the tutorial. 7. Discover the STM32F0 features, download and execute programs proposed in the list of projects. 8. Develop your own application using available examples. 2.2 System requirements ● Windows PC (XP, Vista, 7) ● USB type A to Mini-B USB cable 2.3 Development toolchain supporting the STM32F0DISCOVERY ● Altium®, TASKING™ VX-toolset ● ARM®, Atollic TrueSTUDIO® ● IAR™, EWARM (IAR Embedded Workbench®) ● Keil™, MDK-ARM™ 2.4 Order code To order the STM32F0 Discovery kit, use the order code STM32F0DISCOVERY. |