| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1525 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1525 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 41 page ![]() Hardware and layout UM1525 20/41 Doc ID 022910 Rev 2 4.9 Extension connectors The male headers P1 and P2 can connect the STM32F0DISCOVERY to a standard prototyping/wrapping board. STM32F051R8T6 GPI/Os are available on these connectors. P1 and P2 can also be probed by an oscilloscope, logical analyzer or voltmeter. Table 6. MCU pin description versus board function (page 1 of 7) MCU pin Board function Main function Alternate functions BOOT0 BOOT0 60 6 NRST NRST 7 5 10 PA0 2_CTS, IN0, 2_CH1_ETR, 1_INM6, 1_OUT, TSC_G1_IO1, RTC_TAMP2, WKUP1 14 15 PA1 2_RTS, IN1, 2_CH2, 1_INP, TSC_G1_IO2, EVENTOUT 15 16 PA2 2_TX, IN2, 2_CH3, 15_CH1, 2_INM6, 2_OUT, TSC_G1_IO3 16 17 PA3 2_RX, IN3, 2_CH4, 15_CH2, 2_INP, TSC_G1_IO4, 17 18 |