| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SNC698 bảng dữ liệu(PDF) 6 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNC698 bảng dữ liệu(HTML) 6 Page - SONiX Technology Company |
|
6 / 14 page ![]() SNC698 4-Channel Speech Controller 5.6 Auto Repetition Auto repetition function helps SNC698 realize a “looping” sound automatically by hardware without any software effort. Auto repetition function is a very useful mechanism to implement “Sustain” sound in instrument synthesis. All 4 channels are equipped with this function. Arbitrary lengths of looping sound are accepted by SNC698. 5.7 I/O Ports P1 to P6 are six 4-bit I/O ports. Any bit of each I/O port can be programmed to be input or output individually. Any valid data transition (H L or L H) of each I/O port can reactivate the chip when it is in power-down stage. Port Data Port Status To Internal Data Bus Read Control PAD Weak I/O Port Configuration Note: weak N-MOS’s can serve as pull-low resistors. Ver: 1.2 August 26, 2003 6 |