| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SNC385 bảng dữ liệu(PDF) 6 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNC385 bảng dữ liệu(HTML) 6 Page - SONiX Technology Company |
|
6 / 12 page ![]() SNC385 Direct Drive Voice/Dual Tone Melody Controller VCC BUO1/VO 1K DAC output PWM: A PWM (pulse width modulation) circuit is built-in SNC385. PWM can convert input digital data into pulse trains with suitable different pulse width. The maximum resolution of PWM is 7 bits. Two huge output stage circuits are designed in SNC385. With this advanced circuit, the chip is capable of driving speaker directly without external transistors. The recommended application circuit is illustrated as follows. BUO1/VO BUO2 PWM Output Ver: 1.3 August 26, 2003 6 |