| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
06151237 bảng dữ liệu(PDF) 17 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
06151237 bảng dữ liệu(HTML) 17 Page - Tyco Electronics |
|
17 / 85 page ![]() RPS Commercial grade heat-shrinkable wire identification sleeves 17 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Ordering information Available sizes and formats Inside diameter Ordering D (min) d (max) Recommended description as supplied after recovery use range mm inches mm inches mm inches RPS-1K-22-18/2.0- <color> 3.18 0.125 1.07 0.042 1.17 - 2.66 0.046 - 0.105 RPS-1K-18-12/2.0- <color> 4.75 0.187 1.57 0.062 1.75 - 4.06 0.069 - 0.160 RPS-1K-16-10/2.0- <color> 6.35 0.250 2.11 0.083 2.31 - 5.46 0.091 - 0.215 RPS-1K-8-4/2.0- <color> 9.53 0.375 3.18 0.125 3.47 - 8.12 0.137 - 0.320 RPS-1K-10-2/2.0- <color> 12.70 0.500 4.22 0.166 4.64 - 10.79 0.183 - 0.425 RPS-1K-6-250/2.0- <color> 19.05 0.750 6.35 0.250 6.99 - 16.25 0.275 - 0.640 RPS-1K-1-400/2.0- <color> 25.40 1.000 8.46 0.333 9.29 - 21.59 0.366 - 0.850 RPS-1K-400-1000/2.0- <color> 38.10 1.500 19.05 0.750 20.95 - 33.02 0.825 - 1.300 Total width as supplied 90.18 mm (3.550 inches) including tape and carrier width. Options Prescoring Perforated score to produce multiple marker sleeves from each RPS sleeve. Number of prescores 1 prescore 2 prescores 3 prescores Code S1 S2 S3 Package sizes Standard 1K -1000 piece packs Nonstandard Smaller and larger pack sizes are available. Please contact Tyco Electronics. Colors Standard White Yellow Code 9 4 Ordering information: Specify product name, pack size, sleeve size, prescore, format and color. Ordering example: RPS-1K-22-18/2.0-S2-9 SOG-ER33-3 BT-M 50mm (nom ) SOG-ER32-3 BT-M SOG-ER13-3 BT-M D d |