| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1602AX bảng dữ liệu(PDF) 84 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AX bảng dữ liệu(HTML) 84 Page - SONiX Technology Company |
|
84 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 84 Revision 1.94 1 1 13 3 3 INSTRUCTION SET TABLE Field Mnemonic Description C DC Z Cycle MOV A,M A ← M - - √ 1 M MOV M,A M ← A - - - 1 O B0MOV A,M A ← M (bnak 0) - - √ 1 V B0MOV M,A M (bank 0) ← A - - - 1 E MOV A,I A ← I - - - 1 B0MOV M,I M ← I, (M = only for Working registers R, Y, Z , RBANK & PFLAG) - - - 1 XCH A,M A ←→M - - - 1 B0XCH A,M A ←→M (bank 0) - - - 1 MOVC R, A ← ROM [Y,Z] - - - 2 ADC A,M A ← A + M + C, if occur carry, then C=1, else C=0 √ √ √ 1 A ADC M,A M ← A + M + C, if occur carry, then C=1, else C=0 √ √ √ 1 R ADD A,M A ← A + M, if occur carry, then C=1, else C=0 √ √ √ 1 I ADD M,A M ← A + M, if occur carry, then C=1, else C=0 √ √ √ 1 T B0ADD M,A M (bank 0) ← M (bank 0) + A, if occur carry, then C=1, else C=0 √ √ √ 1 H ADD A,I A ← A + I, if occur carry, then C=1, else C=0 √ √ √ 1 M SBC A,M A ← A - M - /C, if occur borrow, then C=0, else C=1 √ √ √ 1 E SBC M,A M ← A - M - /C, if occur borrow, then C=0, else C=1 √ √ √ 1 T SUB A,M A ← A - M, if occur borrow, then C=0, else C=1 √ √ √ 1 I SUB M,A M ← A - M, if occur borrow, then C=0, else C=1 √ √ √ 1 C SUB A,I A ← A - I, if occur borrow, then C=0, else C=1 √ √ √ 1 DAA To adjust ACC’s data format from HEX to DEC. √ - - 1 AND A,M A ← A and M - - √ 1 L AND M,A M ← A and M - - √ 1 O AND A,I A ← A and I - - √ 1 G OR A,M A ← A or M - - √ 1 I OR M,A M ← A or M - - √ 1 C OR A,I A ← A or I - - √ 1 XOR A,M A ← A xor M - - √ 1 XOR M,A M ← A xor M - - √ 1 XOR A,I A ← A xor I - - √ 1 SWAP M A (b3~b0, b7~b4) ←M(b7~b4, b3~b0) - - - 1 P SWAPM M M(b3~b0, b7~b4) ← M(b7~b4, b3~b0) - - - 1 R RRC M A ← RRC M √ - - 1 O RRCM M M ← RRC M √ - - 1 C RLC M A ← RLC M √ - - 1 E RLCM M M ← RLC M √ - - 1 S CLR M M ← 0 - - - 1 S BCLR M.b M.b ← 0 - - - 1 BSET M.b M.b ← 1 - - - 1 B0BCLR M.b M(bank 0).b ← 0 - - - 1 B0BSET M.b M(bank 0).b ← 1 - - - 1 CMPRS A,I ZF,C ← A - I, If A = I, then skip next instruction √ - √ 1 + S B CMPRS A,M ZF,C ← A – M, If A = M, then skip next instruction √ - √ 1 + S R INCS M A ← M + 1, If A = 0, then skip next instruction - - - 1 + S A INCMS M M ← M + 1, If M = 0, then skip next instruction - - - 1 + S N DECS M A ← M - 1, If A = 0, then skip next instruction - - - 1 + S C DECMS M M ← M - 1, If M = 0, then skip next instruction - - - 1 + S H BTS0 M.b If M.b = 0, then skip next instruction - - - 1 + S BTS1 M.b If M.b = 1, then skip next instruction - - - 1 + S B0BTS0 M.b If M(bank 0).b = 0, then skip next instruction - - - 1 + S B0BTS1 M.b If M(bank 0).b = 1, then skip next instruction - - - 1 + S JMP d PC15/14 ← RomPages1/0, PC13~PC0 ← d - - - 2 CALL d Stack ← PC15~PC0, PC15/14 ← RomPages1/0, PC13~PC0 ← d - - - 2 M RET PC ← Stack - - - 2 I RETI PC ← Stack, and to enable global interrupt - - - 2 S NOP No operation - - - 1 C Note: Any instruction that read/write from OSCM, will add an extra cycle. |