công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0150200311 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện 0150200311
Giải thích chi tiết về linh kiện  0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX2 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0150200311 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  0150200311 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/14/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15020-0311
Status:
Active
Overview:
Premo-Flex™ FFC and Etched Polyimide Jumpers
Description:
0.50mm Pitch Premo-Flex™ FFC Jumper, Same Side Contacts (Type A), 28 Circuits,
0.254m Cable Length, 0.27mm Cable Thickness, Gold (Au) Plating
Documents:
Drawing (PDF)
Packaging Specification PK-15020-001 (PDF)
Product Specification PS-15020-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable
Series
15020
Comments
Contacts on the same side, Type A
Crimp Quality Equipment
Yes
Overview
Premo-Flex™ FFC and Etched Polyimide Jumpers
Product Name
Premo-Flex™FFC Jumper
UPC
884982177734
Physical
Cable Length
0.254m
Circuits (Loaded)
28
Circuits (maximum)
28
Net Weight
2.281/g
Packaging Type
Bag
Pitch - Termination Interface
0.50mm
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
60V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-15020-001
Product Specification
PS-15020-001
Sales Drawing
SD-15020-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
15020Series
This document was generated on 08/14/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - 0150200311

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0150200310 MOLEX2-0150200310 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Opposite Side Contacts (Type D)
0150200312 MOLEX2-0150200312 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Opposite Side Contacts (Type D),
0150200313 MOLEX2-0150200313 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 28 Circuits,
0150200314 MOLEX2-0150200314 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Opposite Side Contacts (Type D),
0150200315 MOLEX2-0150200315 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 30 Circuits,
More results

Mô tả tương tự - 0150200311

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0150200109 MOLEX2-0150200109 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A),
0150200111 MOLEX2-0150200111 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A),
0150200113 MOLEX2-0150200113 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A),
0150200119 MOLEX2-0150200119 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A),
0150200149 MOLEX2-0150200149 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A),
0150200155 MOLEX2-0150200155 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A),
0150200241 MOLEX2-0150200241 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A),
0150200309 MOLEX2-0150200309 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A),
15020-0119 MOLEX11-15020-0119 Datasheet
73Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A)
15020-0125 MOLEX11-15020-0125 Datasheet
73Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A)
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com