công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1604AP bảng dữ liệu(PDF) 65 Page - SONiX Technology Company

tên linh kiện SN8P1604AP
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1604AP bảng dữ liệu(HTML) 65 Page - SONiX Technology Company

Back Button SN8P1604AP Datasheet HTML 61Page - SONiX Technology Company SN8P1604AP Datasheet HTML 62Page - SONiX Technology Company SN8P1604AP Datasheet HTML 63Page - SONiX Technology Company SN8P1604AP Datasheet HTML 64Page - SONiX Technology Company SN8P1604AP Datasheet HTML 65Page - SONiX Technology Company SN8P1604AP Datasheet HTML 66Page - SONiX Technology Company SN8P1604AP Datasheet HTML 67Page - SONiX Technology Company SN8P1604AP Datasheet HTML 68Page - SONiX Technology Company SN8P1604AP Datasheet HTML 69Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 65
Revision 1.94
9
9
9 INTERRUPT
OVERVIEW
The SN8P1600 provides 2 interrupt sources, including one internal interrupts (TC0/TC1) and one external interrupts
(INT0). The external interrupt can Wakeup the chip while the system is switched from power down mode to high-speed
normal mode. Once interrupt service is executed, the GIE bit in STKP register will clear to “0” for stopping other
interrupt request. On the contrast, when interrupt service exits, the GIE bit will set to “1” to accept the next interrupts’
request. All of the interrupt request signals are stored in INTRQ register. The user can program the chip to check
INTRQ’s content for setting executive priority.
SN8P1602/1603
SN8P1604
Note: The GIE bit must enable and all interrupt operations work.
INTRQ
2-bit
Latchs
TC0IRQ
Interrupt
enable
gating
Global interrupt request signal
Interrupt vector address (0008H)
TC0 time out
INTEN Interrupt enable register
The interrupt trigger edge :
INT0 = falling edge
P00IRQ
INT0 trigger
INTRQ
2-bit
Latchs
TC0IRQ
Interrupt
enable
gating
Global interrupt request signal
Interrupt vector address (0008H)
TC0 time out
INTEN Interrupt enable register
The interrupt trigger edge :
INT0 = falling edge
P00IRQ
INT0 trigger
Interrupt vector address (0008H)
INTRQ
2-bit
Latches
TC1IRQ
Interrupt
enable
gating
Global interrupt request signal
TC1 time out
INTEN Interrupt enable register
The interrupt trigger edge :
INT0 = falling edge
P00IRQ
INT0 trigger
Interrupt vector address (0008H)
INTRQ
2-bit
Latches
TC1IRQ
Interrupt
enable
gating
Global interrupt request signal
TC1 time out
INTEN Interrupt enable register
The interrupt trigger edge :
INT0 = falling edge
P00IRQ
INT0 trigger
INTRQ
2-bit
Latches
TC1IRQ
Interrupt
enable
gating
Global interrupt request signal
TC1 time out
INTEN Interrupt enable register
The interrupt trigger edge :
INT0 = falling edge
P00IRQ
INT0 trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com