công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1703AP bảng dữ liệu(PDF) 39 Page - SONiX Technology Company

tên linh kiện SN8P1703AP
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1703AP bảng dữ liệu(HTML) 39 Page - SONiX Technology Company

Back Button SN8P1703AP Datasheet HTML 35Page - SONiX Technology Company SN8P1703AP Datasheet HTML 36Page - SONiX Technology Company SN8P1703AP Datasheet HTML 37Page - SONiX Technology Company SN8P1703AP Datasheet HTML 38Page - SONiX Technology Company SN8P1703AP Datasheet HTML 39Page - SONiX Technology Company SN8P1703AP Datasheet HTML 40Page - SONiX Technology Company SN8P1703AP Datasheet HTML 41Page - SONiX Technology Company SN8P1703AP Datasheet HTML 42Page - SONiX Technology Company SN8P1703AP Datasheet HTML 43Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 39
Revision 0.5
6
6
6 POWER ON RESET
OVERVIEW
This series provides two system resets. One is external reset and the other is low voltage detector (LVD). The external
reset is a simple RC circuit connecting to the reset pin. The low voltage detector (LVD) is built in internal circuit. When
one of the reset devices occurs, the system will reset and the system registers become initial value. The timing
diagram is as following.
VDD
External Reset
Internal Reset Signal
End of LVD Reset
LVD
End of External Reset
LVD Detect Level
External Reset Detect Level
Figure 6-1 Power on Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com