công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS7103IVFPR bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện THS7103IVFPR
Giải thích chi tiết về linh kiện  ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

THS7103IVFPR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  THS7103IVFPR Datasheet HTML 1Page - Texas Instruments THS7103IVFPR Datasheet HTML 2Page - Texas Instruments THS7103IVFPR Datasheet HTML 3Page - Texas Instruments THS7103IVFPR Datasheet HTML 4Page - Texas Instruments THS7103IVFPR Datasheet HTML 5Page - Texas Instruments THS7103IVFPR Datasheet HTML 6Page - Texas Instruments THS7103IVFPR Datasheet HTML 7Page - Texas Instruments THS7103IVFPR Datasheet HTML 8Page - Texas Instruments THS7103IVFPR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
THS7103
SLOS387 − DECEMBER 2001
ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
1
www.ti.com
FEATURES
D 15-V Single Supply Operation
D Low 1.1-W Total Power Consumption
− 0.9-W Transmit Drivers
− 0.2-W Receive Channel
D Active Termination Differential Line Drivers
− No Line Matching Resistors Reduces
Output Voltage and Power Consumption
by up to 50%
D Integrated Differential Receivers
D Includes Analog Filters in Both Transmit and
Received Channels
D Multiple Power Saving Modes
− Bias Current Is Adjustable in 20%
Increments to Allow Lower Power Modes
for Short Line Lengths
APPLICATIONS
D Full Rate ADSL Central Office Line
Driver/Receiver for ISDN Applications
DESCRIPTION
The THS7103 is a low power differential ADSL (ISDN)
central office line interface driver/receiver. It features
active termination drivers that eliminate the matching
resistors required with traditional ADSL line drivers.
Removal of the matching resistors allows the THS7103
to output nearly half the output voltage as compared
with traditional drivers, resulting in power savings of up
to 50%. The lower output voltage levels resulting from
the active termination also allow the THS7103 to
operate on a single 15-V supply, easing power supply
requirements.
The THS7103 also features integrated differential
receivers
to
reduce
the
component
count
on
multichannel ADSL line cards. To reduce valuable PCB
space further, the transmit path integrates a band-pass
filter while the receive path integrates a low-pass filter.
Four power-saving modes are featured on this device,
allowing it to operate at lower power levels for shorter
line lengths.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
VFP PACKAGE
(TOP VIEW)
31 30 29 28 27
910
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VCCOP1
TXAS1
TXAF
TXAS2
VCCON
TXBS2
TXBF
TXBS1
BUFEN
1BUFOUT
1BUFIN
RXOUTP
RXOUTN
2BUFIN
2BUFOUT
RXCM
32
26
11 12 13 14 15 16
25
NC − No internal connection
PowerPAD
Preamp
Driver
Preamp
Receiver
BPF
Tx Out+
Tx Out−
Rx In+
Rx In−
LPF
Tx In+
Tx In−
Rx Out+
Rx Out−
SIMPLIFIED BLOCK DIAGRAM
PowerPAD is a trademark of Texas Instruments.


Số phần tương tự - THS7103IVFPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
THS7102 TI1-THS7102 Datasheet
163Kb / 10P
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7102CVFP TI1-THS7102CVFP Datasheet
163Kb / 10P
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7102CVFPR TI1-THS7102CVFPR Datasheet
163Kb / 10P
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7102IVFP TI1-THS7102IVFP Datasheet
163Kb / 10P
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7102IVFPR TI1-THS7102IVFPR Datasheet
163Kb / 10P
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
More results

Mô tả tương tự - THS7103IVFPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
THS6032 TI-THS6032 Datasheet
496Kb / 31P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
SCHOTT CORPORATION
31250 SCHOTT-31250 Datasheet
14Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31427 SCHOTT-31427 Datasheet
15Kb / 1P
TRANSFORMER, ADSL, CENTRAL OFFICE
31429 SCHOTT-31429 Datasheet
17Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31431 SCHOTT-31431 Datasheet
13Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31441 SCHOTT-31441 Datasheet
13Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31530 SCHOTT-31530 Datasheet
13Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31642 SCHOTT-31642 Datasheet
14Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
logo
Texas Instruments
THS7102 TI1-THS7102 Datasheet
163Kb / 10P
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com