công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8A1702AS bảng dữ liệu(PDF) 59 Page - SONiX Technology Company

tên linh kiện SN8A1702AS
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AS bảng dữ liệu(HTML) 59 Page - SONiX Technology Company

Back Button SN8A1702AS Datasheet HTML 55Page - SONiX Technology Company SN8A1702AS Datasheet HTML 56Page - SONiX Technology Company SN8A1702AS Datasheet HTML 57Page - SONiX Technology Company SN8A1702AS Datasheet HTML 58Page - SONiX Technology Company SN8A1702AS Datasheet HTML 59Page - SONiX Technology Company SN8A1702AS Datasheet HTML 60Page - SONiX Technology Company SN8A1702AS Datasheet HTML 61Page - SONiX Technology Company SN8A1702AS Datasheet HTML 62Page - SONiX Technology Company SN8A1702AS Datasheet HTML 63Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 59
Revision 1.94
OSCM REGISTER DESCRIPTION
The OSCM register is a oscillator control register. It can control oscillator select, system mode, watchdog timer clock
source and rate.
OSCM initial value = 000x 000x
0CAH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OSCM
0
WDRST
Wdrate
0
CPUM0
CLKMD
STPHX
0
-
R/W
R/W
-
R/W
R/W
R/W
-
STPHX: Eternal high-speed oscillator control bit. 0 = free run, 1 = stop. This bit just only controls external high-speed
oscillator. If STPHX=1, the internal low-speed RC oscillator is still running.
CLKMD: System high/Low speed mode select bit. 0 = normal (dual) mode, 1 = slow mode.
CPUM0: CPU operating mode control bit. 0 = normal, 1 = sleep (power down) mode to turn off both high/low clock.
Notice: The bit 7 of OSCM register must be “0”, or the system will be error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com